Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO2000B Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MSO2000B
Description  Mixed Signal Oscilloscopes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO2000B Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MSO2000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 15Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 16Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 17Page - List of Unclassifed Manufacturers MSO2000B Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Warranty
Five-year warranty covering all parts and labor, excluding probes.
Application modules
DPO2AUTO
Automotive Serial Triggering and Analysis Module. Enables triggering on packet-level information on CAN bus and LIN bus as well
as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time
stamp information.
DPO2COMP
Computer Serial Triggering and Analysis Module. Enables triggering on packet-level information on RS-232/422/485/UART buses
as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables
with time stamp information.
DPO2EMBD
Embedded Serial Triggering and Analysis Module. Enables triggering on packet-level information on I2C and SPI buses as well as
analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time
stamp information. Only two-wire SPI support is available on two-channel models.
Instrument options
Power cord and plug options
Please specify power plug version when ordering.
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Language options 3 4
Opt. L0
English manual
Opt. L1
French manual
Opt. L2
Italian manual
Opt. L3
German manual
Opt. L4
Spanish manual
Opt. L5
Japanese manual
Opt. L6
Portuguese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
3
User manuals (PDF) in 11 languages are available on the CD and for download from http://www.tektronix.com/manuals. There are no printed user manuals.
4
The English option includes a front-panel label on the instrument. The other language options include a front-panel overlay.
MSO/DPO2000B Series Mixed Signal Oscilloscope
www.tektronix.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com