Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7621
Description  16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 5 Page - Analog Devices

  AD7621 Datasheet HTML 1Page - Analog Devices AD7621 Datasheet HTML 2Page - Analog Devices AD7621 Datasheet HTML 3Page - Analog Devices AD7621 Datasheet HTML 4Page - Analog Devices AD7621 Datasheet HTML 5Page - Analog Devices AD7621 Datasheet HTML 6Page - Analog Devices AD7621 Datasheet HTML 7Page - Analog Devices AD7621 Datasheet HTML 8Page - Analog Devices AD7621 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7622
Rev. 0 | Page 5 of 28
TIMING SPECIFICATIONS
AVDD = DVDD = 2.5 V; OVDD = 2.3 V to 3.6 V; VREF = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
CONVERSION AND RESET (Refer to Figure 31 and Figure 32)
Convert Pulse Width
t1
15
701
ns
Time Between Conversions (Warp Mode2/Normal Mode3)
t2
500/667
ns
CNVST Low to BUSY High Delay
t3
23
ns
BUSY High All Modes (Except Master Serial Read After Convert)
Warp Mode/Normal Mode
t4
360/485
ns
Aperture Delay
t5
1
ns
End of Conversion to BUSY Low Delay
t6
10
ns
Conversion Time (Warp Mode/Normal Mode)
t7
360/485
ns
Acquisition Time (Warp Mode/Normal Mode)
t8
140/182
ns
RESET Pulse Width
t9
15
ns
RESET Low to BUSY High Delay4
t38
10
ns
BUSY High Time from RESET Low4
t39
500
ns
PARALLEL INTERFACE MODES (Refer to Figure 33 to Figure 36 )
CNVST Low to Data Valid Delay (Warp Mode/Normal Mode)
t10
360/485
ns
Data Valid to BUSY Low Delay
t11
2
ns
Bus Access Request to Data Valid
t12
20
ns
Bus Relinquish Time
t13
2
15
ns
MASTER SERIAL INTERFACE MODES5 (Refer to Figure 37 and Figure 38)
CS Low to SYNC Valid Delay
t14
10
ns
CS Low to Internal SCLK Valid Delay5
t15
10
ns
CS Low to SDOUT Delay
t16
10
ns
CNVST Low to SYNC Delay (Warp Mode/Normal Mode)
t17
15/135
ns
SYNC Asserted to SCLK First Edge Delay
t18
2
ns
Internal SCLK Period6
t19
8
20
ns
Internal SCLK High6
t20
2
ns
Internal SCLK Low6
t21
3
ns
SDOUT Valid Setup Time6
t22
1
ns
SDOUT Valid Hold Time6
t23
0
ns
SCLK Last Edge to SYNC Delay6
t24
0
ns
CS High to SYNC HI-Z
t25
10
ns
CS High to Internal SCLK HI-Z
t26
10
ns
CS High to SDOUT HI-Z
t27
10
ns
BUSY High in Master Serial Read After Convert6
t28
See Table 4
ns
CNVST Low to SYNC Asserted Delay (Warp Mode/Normal Mode)
t29
375/500
ns
SYNC Deasserted to BUSY Low Delay
t30
13
ns
SLAVE SERIAL INTERFACE MODES (Refer to Figure 40 and Figure 41)
External SCLK Setup Time
t31
5
ns
External SCLK Active Edge to SDOUT Delay
t32
1
8
ns
SDIN Setup Time
t33
5
ns
SDIN Hold Time
t34
5
ns
External SCLK Period
t35
12.5
ns
External SCLK High
t36
5
ns
External SCLK Low
t37
5
ns
See Notes on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com