Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7870LPZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7870LPZ1
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7870LPZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7870LPZ1 Datasheet HTML 5Page - Analog Devices AD7870LPZ1 Datasheet HTML 6Page - Analog Devices AD7870LPZ1 Datasheet HTML 7Page - Analog Devices AD7870LPZ1 Datasheet HTML 8Page - Analog Devices AD7870LPZ1 Datasheet HTML 9Page - Analog Devices AD7870LPZ1 Datasheet HTML 10Page - Analog Devices AD7870LPZ1 Datasheet HTML 11Page - Analog Devices AD7870LPZ1 Datasheet HTML 12Page - Analog Devices AD7870LPZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 9 of
28
DIP and SOIC
Pin No.
PLCC
Pin No.
Mnemonic
Function
18
21
AGND
Analog Ground. Ground reference for track-and-hold, reference and DAC.
19
23
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load capability is
500 μA.
20
24
VIN
Analog Input. The analog input range is ±3 V for the AD7870, ±10 V for the AD7876, and 0 V to +5 V for the
AD7875.
21
25
VSS
Negative Supply, −5 V ± 5%.
22
26
12/8/CLK
Three Function Input. Defines the data format and serial clock format. With this pin at +5 V, the output
data for-mat is 12-bit parallel only. With this pin at 0 V, either byte or serial data is available and SCLK is
not continuous. With this pin at −5 V, either byte or serial data is again available but SCLK is now
continuous.
23
27
CONVST
Convert Start. A low to high transition on this input puts the track-and-hold into its hold mode and
starts conversion. This input is asynchronous to the CLK input.
24
28
CS
Chip Select. Active low logic input. The device is selected when this input is active. With CONVST tied
low, a new conversion is initiated when CS goes low.
Table 6. Output Data for Byte Interfacing
HBEN
DB7/Low
DB6/Low
DB5/Low
DB4/Low
DB3/DB11
DB2/DB10
DB1/DB9
DB0/DB8
High
Low
Low
Low
Low
DB11(MSB)
DB10
DB9
DB8
Low
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com