Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP802 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSPIC33FJ64GP802
Description  16-bit Digital Signal Controllers (up to 128 KB Flash and 16K SRAM) with Advanced Analog
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP802 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSPIC33FJ64GP802 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 9Page - Microchip Technology DSPIC33FJ64GP802 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 436 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292G-page 6
© 2007-2012 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin QFN(2)
dsPIC33FJ64GP804
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
6
33
AN12/DAC1RP/RP12(1)/CN14/PMD0/RB12
PGEC2/RP11(1)/CN15/PMD1/RB11
PGED2/RP10(1)/CN16/PMD2/RB10
VCAP
VSS
RP25(1)/CN19/PMA6/RC9
RP24(1)/CN20/PMA5/RC8
RP23(1)/CN17/PMA0/RC7
RP22(1)/CN18/PMA1/RC6
SDA1/RP9(1)/CN21/PMD3/RB9
AN11/DAC1RN/RP13(1)/CN13/PMRD/RB13
AN4/C1IN-/RP2(1)/CN6/RB2
AN5/C1IN+/RP3(1)/CN7/RB3
AN6/DAC1RM/RP16(1)/CN8/RC0
AN7/DAC1LM/RP17(1)/CN9/RC1
AN8/CVREF/RP18(1)/PMA2/CN10/RC2
SOSCI/RP4(1)/CN1/RB4
VDD
VSS
OSC1/CLKI/CN30/RA2
OSC2/CLKO/CN29/RA3
TDO/PMA8/RA8
dsPIC33FJ128GP804
Note 1:
The RPx pins can be used by any remappable peripheral. See Table 1 in this section for the list of available peripherals.
2:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.
= Pins are up to 5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com