Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP28372DF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP28372DF
Description  Dual 1.5A, 23V, 1.4MHz Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28372DF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP28372DF Datasheet HTML 4Page - Monolithic Power Systems MP28372DF Datasheet HTML 5Page - Monolithic Power Systems MP28372DF Datasheet HTML 6Page - Monolithic Power Systems MP28372DF Datasheet HTML 7Page - Monolithic Power Systems MP28372DF Datasheet HTML 8Page - Monolithic Power Systems MP28372DF Datasheet HTML 9Page - Monolithic Power Systems MP28372DF Datasheet HTML 10Page - Monolithic Power Systems MP28372DF Datasheet HTML 11Page - Monolithic Power Systems MP28372DF Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP28372 — DUAL 1.5A, 23V, 1.4MHz STEP-DOWN CONVERTER
MP28372 Rev. 1.4
www.MonolithicPower.com
11
12/10/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
TSSOP20F
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
SEE DETAIL "A"
SEE DETAIL "B"
0.004(0.090)
0.008(0.200)
0.007(0.190)
0.010(0.250)
0.004(0.090)
0.006(0.160)
0.075(0.190)
0.012(0.300)
DETAIL "B"
0.047(1.200)
max
0.007(0.190)
0.012(0.300)
0.032(0.800)
0.041(1.050)
0.002(0.050)
0.006(0.150)
0.252 (6.400)
0.260 (6.600)
SEATING PLANE
0.039(1.000)REF
0.010(0.250)
0.018(0.450)
0.030(0.750)
0o-8o
DETAIL "A"
GATE PLANE
0.004(0.090)
0.004(0.090)
0.0256(0.650)TYP
PIN 1
IDENT.
0.169
0.177
(4.300)
(4.500)
0.244
0.260
(6.200)
(6.600)
0.030(0.750)
0.030(0.750)
0.105 (2.67)
0.118 (3.00)
pad width
0.150 (3.80)
0.165 (4.19)
pad length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com