Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP29296 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP29296
Description  2A, 23V Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29296 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP29296 Datasheet HTML 1Page - Monolithic Power Systems MP29296 Datasheet HTML 2Page - Monolithic Power Systems MP29296 Datasheet HTML 3Page - Monolithic Power Systems MP29296 Datasheet HTML 4Page - Monolithic Power Systems MP29296 Datasheet HTML 5Page - Monolithic Power Systems MP29296 Datasheet HTML 6Page - Monolithic Power Systems MP29296 Datasheet HTML 7Page - Monolithic Power Systems MP29296 Datasheet HTML 8Page - Monolithic Power Systems MP29296 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP29296 – 2A, 23V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP29296 Rev. 1.7
www.MonolithicPower.com
3
2/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Under Voltage Lockout
Threshold
VIN Rising
3.80
4.10
4.40
V
Input Under Voltage Lockout
Threshold Hysteresis
210
mV
Soft-Start Current
VSS = 0V
6
µA
Soft-Start Period
CSS = 0.1µF
15
ms
Thermal Shutdown
(4)
160
°C
Note:
4) Guaranteed by design, not tested.
PIN FUNCTIONS
Pin #
Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET
switch. Connect a 0.01µF or greater capacitor from SW to BS to power the high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.75V to 23V power source. Bypass IN to GND with a suitably large capacitor
to eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to
BS to power the high-side switch.
4
GND
Ground.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.923V. See
Setting the Output Voltage
.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation
Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on
the regulator, drive it low to turn it off. Pull up with 100kΩ resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft start period. Connect a capacitor from SS to GND
to set the soft-start period. A 0.1µF capacitor sets the soft-start period to 15ms. To disable the
soft-start feature, leave SS unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com