Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP29296DS Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP29296DS
Description  2A, 23V Synchronous Rectified Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP29296DS Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP29296DS Datasheet HTML 2Page - Monolithic Power Systems MP29296DS Datasheet HTML 3Page - Monolithic Power Systems MP29296DS Datasheet HTML 4Page - Monolithic Power Systems MP29296DS Datasheet HTML 5Page - Monolithic Power Systems MP29296DS Datasheet HTML 6Page - Monolithic Power Systems MP29296DS Datasheet HTML 7Page - Monolithic Power Systems MP29296DS Datasheet HTML 8Page - Monolithic Power Systems MP29296DS Datasheet HTML 9Page - Monolithic Power Systems MP29296DS Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP29296 – 2A, 23V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP29296 Rev. 1.7
www.MonolithicPower.com
9
2/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
INPUT
4.75V to 23V
OUTPUT
3.3V
2A
C3
3.3nF
D1
B130
(optional)
C5
10nF
MP29296
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
C6
(optional)
Figure 3—MP29296 with 3.3V Output, 22µF/6.3V Ceramic Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com