Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38874 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP38874
Description  8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38874 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP38874 Datasheet HTML 1Page - Monolithic Power Systems MP38874 Datasheet HTML 2Page - Monolithic Power Systems MP38874 Datasheet HTML 3Page - Monolithic Power Systems MP38874 Datasheet HTML 4Page - Monolithic Power Systems MP38874 Datasheet HTML 5Page - Monolithic Power Systems MP38874 Datasheet HTML 6Page - Monolithic Power Systems MP38874 Datasheet HTML 7Page - Monolithic Power Systems MP38874 Datasheet HTML 8Page - Monolithic Power Systems MP38874 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP38874 – 8A, 21V, 600KHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38874 Rev. 1.1
www.MonolithicPower.com
2
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature(TA)
MP38874DL
3x4 QFN14
38874
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP38874DL–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP38874DL–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 23V
VSW........................-0.3V (-5V for < 10ns) to 24V
VBS ....................................................... VSW + 6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA =
+25°C)
(2)
............................................................. 2.8W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 21V
Output Voltage VOUT.........................0.8V to 15V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
3x4 QFN14 ............................. 45 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.
TOP VIEW
FB
PG
EN/SYNC
IN
IN
IN
N/C
1
2
3
4
5
6
7
GND
BG
VCC
BST
SW
SW
SW
14
13
12
11
10
9
8
EXPOSED PAD
ON BACKSIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com