Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38875 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP38875
Description  15A, 16V, 800kHz Step-Down Converter with Synchronous Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38875 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP38875 Datasheet HTML 6Page - Monolithic Power Systems MP38875 Datasheet HTML 7Page - Monolithic Power Systems MP38875 Datasheet HTML 8Page - Monolithic Power Systems MP38875 Datasheet HTML 9Page - Monolithic Power Systems MP38875 Datasheet HTML 10Page - Monolithic Power Systems MP38875 Datasheet HTML 11Page - Monolithic Power Systems MP38875 Datasheet HTML 12Page - Monolithic Power Systems MP38875 Datasheet HTML 13Page - Monolithic Power Systems MP38875 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP38875 – 15A, 16V, 800kHz STEP-DOWN WITH SYNCHRONOUS GATE DRIVER
MP38875 Rev. 0.9
www.MonolithicPower.com
13
11/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
Two Phase Operation
The MP38875 can be configured as a two-phase interleaving regulator to provide up to 30A load
current. The current balance is automatically achieved by connecting the two COMP pins together. See
Figure 7 for detail configurations.
MP38875
MP38875
R5
6.8k
R10
51
R13
51
R1
6.19k
R2
12.7k
R4
10
R8
100k
R3
100k
VIN
TRACK
C7
2.2nF
C8
150pF
C6
150pF
C9
10nF
PG
GND
VOUT
+
+
EN
U1
GND
FB
COMP
BG
SW
PG
BST
SW
SW
SW
SW
SW
SW
SYNCIN
SYNCOUT
CSS/TRK
VIN
VIN
VCC
M1
Si7336A
N-CH 30V 27A
WE-744325072
17
4
1
10
18
319
7
9
8
6
20
2
5
16
15
14
13
12
11
R19
10
M2
Si7336A
N-CH 30V 27A
WE-744325072
VIN
VIN
VCC
U2
EN
SYNCIN
SYNCOUT
CSS/TRK
GND
FB
COMP
BG
SW
BST
PG
SW
SW
SW
SW
SW
SW
18
8
9
17
16
15
14
13
12
11
19
7
6
10
1
4
3
2
5
20
+
Figure 7—Two Phase Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com