Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38892 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP38892
Description  6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38892 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP38892 Datasheet HTML 1Page - Monolithic Power Systems MP38892 Datasheet HTML 2Page - Monolithic Power Systems MP38892 Datasheet HTML 3Page - Monolithic Power Systems MP38892 Datasheet HTML 4Page - Monolithic Power Systems MP38892 Datasheet HTML 5Page - Monolithic Power Systems MP38892 Datasheet HTML 6Page - Monolithic Power Systems MP38892 Datasheet HTML 7Page - Monolithic Power Systems MP38892 Datasheet HTML 8Page - Monolithic Power Systems MP38892 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP38892 – 6A, 42V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38892 Rev.1.0
www.MonolithicPower.com
3
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Switch Output.
2
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BS pins to form a floating supply across the
power switch driver.
3
VCC
BG Driver Bias Supply. Decouple with a 1µF ceramic capacitor to GND.
4
BG
Gate Driver Output. Connect this pin to the gate of the synchronous MOSFET.
5
GND,
Exposed Pad
Ground. This pin is the voltage reference for the regulated output voltage. For this reason
care must be taken in its layout. This node should be placed outside of the M2 to C1
ground path to prevent switching current spikes from inducing voltage noise into the part.
Exposed pad and GND must be connected together.
6
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency foldback comparator lowers the oscillator frequency when the FB voltage
is below 250mV.
7
EN/SYNC
On/Off Control and External Frequency Synchronization Input.
8
IN
Supply Voltage. The MP38892 operates from a +4.5V to +42V unregulated input. C1 is
needed to prevent large voltage spikes from appearing at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com