Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38892DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP38892DN
Description  6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38892DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP38892DN Datasheet HTML 1Page - Monolithic Power Systems MP38892DN Datasheet HTML 2Page - Monolithic Power Systems MP38892DN Datasheet HTML 3Page - Monolithic Power Systems MP38892DN Datasheet HTML 4Page - Monolithic Power Systems MP38892DN Datasheet HTML 5Page - Monolithic Power Systems MP38892DN Datasheet HTML 6Page - Monolithic Power Systems MP38892DN Datasheet HTML 7Page - Monolithic Power Systems MP38892DN Datasheet HTML 8Page - Monolithic Power Systems MP38892DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP38892 – 6A, 42V, 420KHZ STEP-DOWN WITH SYNCHRONIZABLE GATE DRIVER
MP38892 Rev.1.0
www.MonolithicPower.com
4
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.3µH, TA = +25ºC, unless otherwise noted.
10
0
20
30
60
40
50
DUTY CYCLE (%)
Peak Current vs.
Duty Cycle
- 0.3
- 0.2
- 0.1
0
0.1
0.2
0.3
INPUT VOLTAGE (V)
OUTPUT CURRENT (A)
Line Regulation
Case Temperature vs.
Output Current
0123
- 0.15
- 0.10
- 0.05
0
0.05
0.10
0.15
4567
LOAD CURRENT (A)
Load Regulation
INPUT VOLTAGE (V)
Operating Range
VCC Regulator Line
Regulation
0
850
855
860
865
870
875
880
885
890
895
900
40
10
50
20
30
0
40
10
50
20
30
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
4.5
7
8
9
11
12
10
13
0
0.1
1
10
100
10
20
30
40
50
0
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
10
20
30
40
50
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Enable Supply Current
vs. Input Voltage
Disable Supply Current
vs. Input Voltage
VIN=12V
VIN=40V
VIN=5V
0
10
203040
IOUT=0A
IOUT=3A
IOUT=6A
30
40
50
60
70
80
90
123
456
Dmax Limit
420KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com