Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP38900 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP38900
Description  High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP38900 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP38900 Datasheet HTML 15Page - Monolithic Power Systems MP38900 Datasheet HTML 16Page - Monolithic Power Systems MP38900 Datasheet HTML 17Page - Monolithic Power Systems MP38900 Datasheet HTML 18Page - Monolithic Power Systems MP38900 Datasheet HTML 19Page - Monolithic Power Systems MP38900 Datasheet HTML 20Page - Monolithic Power Systems MP38900 Datasheet HTML 21Page - Monolithic Power Systems MP38900 Datasheet HTML 22Page - Monolithic Power Systems MP38900 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP38900/MP38900-B–HIGHEFFICIENCY,FASTTRANSIENTSYNCHRONOUSSTEP-DOWNCONVERTER
MP38900/MP38900-B Rev. 1.1
www.MonolithicPower.com
21
6/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
RFREQ
169k
1.2V
R5
100k
C7
1nF
R6
100k
C6
33nF
1
4
5
6
20
2
8,19
U1
MP38900
IN
FREQ
VCC
PGOOD
EN
SS AGND PGND
FB
SW
BST
7
9,10,17,18
3
11-16
R2
20k
R1
9.1k
R9
1k
R3
4.7
R4
205k
C4
180pF
GND
VCC
PGOOD
EN
VOUT
GND
Figure 13 : Typical Application Circuit with Low ESR Ceramic Capacitor
VIN
VCC
RFREQ
357k
1.2V
R5
100k
C7
1nF
R6
100k
C6
33nF
1
4
5
6
20
2
8,19
U1
MP38900
IN
FREQ
VCC
PGOOD
EN
SS AGND PGND
FB
SW
BST
7
9,10,17,18
3
11-16
R2
20k
R1
9.1k
R3
4.7
GND
PGOOD
EN
VOUT
GND
Figure 14 : Typical Application Circuit with No External Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com