Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44010HS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP44010HS
Description  Boundary Mode PFC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44010HS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP44010HS Datasheet HTML 4Page - Monolithic Power Systems MP44010HS Datasheet HTML 5Page - Monolithic Power Systems MP44010HS Datasheet HTML 6Page - Monolithic Power Systems MP44010HS Datasheet HTML 7Page - Monolithic Power Systems MP44010HS Datasheet HTML 8Page - Monolithic Power Systems MP44010HS Datasheet HTML 9Page - Monolithic Power Systems MP44010HS Datasheet HTML 10Page - Monolithic Power Systems MP44010HS Datasheet HTML 11Page - Monolithic Power Systems MP44010HS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MP44010 – BOUNDARY MODE PFC CONTROLLER
MP44010 Rev. 1.11
www.MonolithicPower.com
8
10/17/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback pin. The output voltage is fed into this pin through a resistor divider.
2
COMP
Output of the error amplifier. A compensation network is connected between this pin and FB
pin.
3
MULT
Input of the multiplier. Connect this pin to the rectified main voltage via a resistor divider to
provide the sinusoidal reference for the current control loop.
4
CS
Current sense pin. The current through MOSFET is fed into this pin via a resistor. The
resulting voltage on this pin is compared with the output of internal multiplier to get an internal
sinusoidal-shaped reference, to determine MOSFET’s turn-off. On-chip R/C filter can reduce
high frequency noise on this pin.
5
ZCS
Inductor’s zero-crossing current sensing input. A negative-transition edge triggers MOSFET’s
turn-on.
6
GND
Ground.
7
GATE
Gate driver output. The high output current of the gate driver is able to drive low-cost power
MOSFET. The high-level voltage of this pin is clamped to 12V in case this pin is supplied with
a high VCC.
8
VIN
Supply voltage of both the signal path of the IC and the gate driver. A bypass capacitor from
this pin to ground is needed to reduce noise.
BLOCK DIAGRAM
2.5V
+
-
FB
COMP
MULT
CS
+
-
UVLO
Vref
ZCS
GATE
VIN
GND
Multiplier
+
-
Overvoltage
detection
R
SQ
+
-
2.1V
1.35V
Disable
Starter
Driver
Voltage
regulator
150k
2pF
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com