Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62055 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP62055
Description  3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62055 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP62055 Datasheet HTML 1Page - Monolithic Power Systems MP62055 Datasheet HTML 2Page - Monolithic Power Systems MP62055 Datasheet HTML 3Page - Monolithic Power Systems MP62055 Datasheet HTML 4Page - Monolithic Power Systems MP62055 Datasheet HTML 5Page - Monolithic Power Systems MP62055 Datasheet HTML 6Page - Monolithic Power Systems MP62055 Datasheet HTML 7Page - Monolithic Power Systems MP62055 Datasheet HTML 8Page - Monolithic Power Systems MP62055 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP62055 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHE
MP62055 Rev.1.0
www.MonolithicPower.com
5
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5.5V, CL = 2.2µF, TA = +25ºC, unless otherwise noted.
60
70
80
90
100
110
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
2.5
3.5
3
2.5
3
3.5
4
4.5
5
5.5
6
2.5
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Static Drain-Source On-State
Resistance vs. Input Voltage
VEN=5V, IOUT=0.5A
Input to Output Voltage vs.
Load Current
VEN=5V
Current Limit
vs. Input Voltage
VEN=5V
Supply Current, Output Enabled
vs. Input Voltage
VEN=5V
OUTPUT CURRENT (A)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
INPUT VOLTAGE (V)
Threshold Trip Current vs.
Input Voltage
Current Limit Response Time
vs. Peak Current
PEAK CURRENT (A)
0
5
10
15
20
25
30
35
40
45
01 23 45 67 89 10
0.76
0.8
0.84
0.88
0.92
2.5
3
3.5
4
4.5
5
5.5
6
0.8
0.9
1
1.1
1.2
1.3
2.5
3
3.5
4
4.5
5
5.5
6
110
120
130
140
150
160
170
2.5
3
3.5
4
4.5
5
5.5
6
0
10
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
Vin=2.7V
Vin=3.3V
Vin=4.5V
Vin=5V
Vin=5.5V
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-30 -15
0 15 30 45 60 75 90
Static Drain-Source On-State
Resistance Variation vs.
Ambient Temperature
VIN=5V, IO=0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com