Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS2000C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDS2000C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2000C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDS2000C Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Digital Storage Oscilloscopes
TDS2000C Series Datasheet
The TDS2000C Digital Storage Oscilloscope Series provides you with
affordable performance in a compact design. Packed with standard features
- including USB connectivity, 16 automated measurements, limit testing,
data logging, and context-sensitive help - the TDS2000C Series
oscilloscopes help you get more done in less time.
Key performance specifications
200 MHz, 100 MHz, 70 MHz, 50 MHz bandwidth models
2- and 4-channel models
Up to 2 GS/s sample rate on all channels
2.5k point record length on all channels
Advanced triggers including pulse width trigger and line-selectable
video trigger
Key features
16 automated measurements and FFT analysis for simplified waveform
analysis
Built-in waveform limit testing
Automated, extended data logging feature
Autoset and signal auto-ranging
Built-in context-sensitive help
Probe check wizard
11-language user interface
144 mm (5.7 inch) active TFT color display
Small footprint and lightweight - only 124 mm (4.9 inches) deep and
2 kg (4.4 lb)
USB 2.0 host port on the front panel for quick and easy data storage
USB 2.0 device port on the rear panel for easy connection to a PC or
for direct printing to a PictBridge® -compatible printer
Includes National Instrument's LabVIEW SignalExpress™ TE Limited
Edition and Tektronix OpenChoice® Software for connecting to your
bench
Lifetime warranty. Limitations apply. For terms and conditions, visit
www.tektronix.com/lifetimewarranty
Digital precision for accurate measurements
With up to 200 MHz bandwidth and 2 GS/s maximum sample rate, no other
digital storage oscilloscope offers as much bandwidth and sample rate for
the price. Tektronix proprietary sampling technology provides real-time
sampling with a minimum of 10X oversampling on all channels, all the time
to accurately capture your signals. Sampling performance is not reduced
when using multiple channels.
Critical tools for troubleshooting your device
Advanced triggers - rising/falling edge, pulse width, and video - help you
quickly isolate your signals of interest. Once you've captured a signal,
advanced math capabilities and automated measurements can speed your
analysis. Quickly perform an FFT or add, subtract, or multiply waveforms.
Sixteen automated measurements quickly and reliably calculate important
signal characteristics such as frequency or rise time, while the built-in Limit
Test function enables you to easily identify problems in your signal.
Quickly and easily capture waveforms with advanced triggering.


Similar Part No. - TDS2000C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
More results

Similar Description - TDS2000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
Digital Storage Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
Digital Storage Oscilloscopes
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
Digital Storage Oscilloscopes
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
Digital Storage and Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com