Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # THS3000
Description  Handheld Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THS3000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button THS3000 Datasheet HTML 3Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 4Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 5Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 6Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 7Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 8Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 9Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 10Page - List of Unclassifed Manufacturers THS3000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Trigger level range
Any channel
±4.0 divisions
Trigger modes
Edge
Positive, negative, or dual slope on any input channel. Coupling includes DC, HF reject, and Noise reject
Pulse width
Trigger on channel 1, width of positive or negative pulses (glitches) that are >, <, =, or ≠ a specified period of time (resolution of
0.01 div with minimum time of 50 ns)
Event
Trigger on n-th occurrence of trigger (N selectable from 2 to 99)
Video
Trigger on channel 1, line number, all lines, odd, even, or all fields on NTSC, PAL, PAL plus, and SECAM signals
Non-interlaced
Trigger on channel 1, high-res non-interlaced video with line frequencies from 14 kHz to 65 kHz
Acquisition modes
Sample (default)
Acquire sampled values
Glitch detect
Captures high frequency or glitches as narrow as 8 ns from 5 μs to 120 s / div
Averaging
Selectable from 2, 4, 8, or 64 waveforms
Roll
Scrolls waveforms right to left across the screen at sweep speeds slower than or equal to 4 ms/div
Data recorder
Automatic data logging of 100 triggered records (screens) with date and time stamp. store internally or to a USB device
Waveform compare
Visually compare against user-definable reference waveforms or perform automatic pass or fail testing of 1 to 4 channels with data
logging of test results
Automatic setup
Autoset
Single-button, automatic setup of all channels for vertical, horizontal, and trigger systems
Autorange
Continuous auto-setup of vertical, horizontal, and trigger systems that track signal changes
Waveform measurements
Cursors
Time, freq (1/T), volts, watts, Rise/Fall time from any input channel or math waveform
Automatic measurements
21. Up to 4 can be displayed on-screen at any one time. Measurements include:
V DC, V ACRMS, V AC+DC, VPeak Max, VPeak Min, Peak to Peak, A DC, A AC, A AC+DC, Frequency, Rise time (using cursors), Fall
time (using cursors), Phase (between any 2 inputs), Positive pulse width, Negative pulse width, Positive duty cycle, Negative duty
cycle, dBV, dBm into 50 Ω and 600 Ω
TrendPlot
Records and graphically displays any 4 automatic scope measurements. store internally or to USB flash drive for recall and analysis
Waveform math
Arithmetic
Add, subtract, and multiply waveforms
FFT
Spectral magnitude. Set FFT vertical scale to Linear or Logarithmic, and FFT window to Automatic, Hamming, Hanning, or None
Handheld Oscilloscopes – THS3000 Series
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com