Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF3N02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTSF3N02HD
Description  SINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS(on) = 0.040 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF3N02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MTSF3N02HD Datasheet HTML 1Page - Motorola, Inc MTSF3N02HD Datasheet HTML 2Page - Motorola, Inc MTSF3N02HD Datasheet HTML 3Page - Motorola, Inc MTSF3N02HD Datasheet HTML 4Page - Motorola, Inc MTSF3N02HD Datasheet HTML 5Page - Motorola, Inc MTSF3N02HD Datasheet HTML 6Page - Motorola, Inc MTSF3N02HD Datasheet HTML 7Page - Motorola, Inc MTSF3N02HD Datasheet HTML 8Page - Motorola, Inc MTSF3N02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Single N-Channel
Field Effect Transistor
Micro8
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process to
achieve lowest possible on–resistance per silicon area. They are
capable of withstanding high energy in the avalanche and commuta-
tion modes and the drain–to–source diode has a very low reverse
recovery time. Micro8
™ devices are designed for use in low voltage,
high speed switching applications where power efficiency is important.
Typical applications are dc–dc converters, and power management in
portable and battery powered products such as computers, printers,
cellular and cordless phones. They can also be used for low voltage
motor controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the guesswork
in designs where inductive loads are switched and offer additional
safety margin against unexpected voltage transients.
• Miniature Micro8 Surface Mount Package — Saves Board Space
• Extremely Low Profile (<1.1mm) for thin applications such as
PCMCIA cards
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Bat-
tery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for Micro8 Package Provided
DEVICE MARKING
ORDERING INFORMATION
AC
Device
Reel Size
Tape Width
Quantity
AC
MTSF3N02HDR2
13
″
12 mm embossed tape
4000 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International
Rectifier. Thermal Clad is a trademark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MTSF3N02HD/D
© Motorola, Inc. 1997
™
MTSF3N02HD
SINGLE TMOS
POWER MOSFET
4.0 AMPERES
20 VOLTS
RDS(on) = 0.040 OHM
CASE 846A–02, Style 1
Micro8
Motorola Preferred Device
D
S
G
Source
Source
Source
Gate
1
2
3
4
8
7
6
5
Top View
Drain
Drain
Drain
Drain
REV 4


Similar Part No. - MTSF3N02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTSF3N02HD ONSEMI-MTSF3N02HD Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
MTSF3N02HDR2 ONSEMI-MTSF3N02HDR2 Datasheet
304Kb / 12P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 6
More results

Similar Description - MTSF3N02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTDF1N02HD MOTOROLA-MTDF1N02HD Datasheet
219Kb / 12P
DUAL TMOS POWER MOSFET 1.7 AMPERES 20 VOLTS RDS(on) = 0.120 OHM
MTP3N100E MOTOROLA-MTP3N100E Datasheet
206Kb / 8P
TMOS POWER FET 3.0 AMPERES 1000 VOLTS RDS(on) = 4.0 OHM
MTP4N40E MOTOROLA-MTP4N40E Datasheet
239Kb / 8P
TMOS POWER FET 4.0 AMPERES 400 VOLTS RDS(on) = 1.8 OHM
MTP4N80E MOTOROLA-MTP4N80E Datasheet
159Kb / 8P
TMOS POWER FET 4.0 AMPERES 800 VOLTS RDS(on) = 3.0 OHM
MTSF1P02HD MOTOROLA-MTSF1P02HD Datasheet
342Kb / 12P
SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
MTSF2P02HD MOTOROLA-MTSF2P02HD Datasheet
236Kb / 12P
SINGLE TMOS POWER FET 3.0 AMPERES 20 VOLTS RDS(on) = 0.090 OHM
MTSF3203 MOTOROLA-MTSF3203 Datasheet
134Kb / 8P
SINGLE TMOS POWER MOSFET 4.9 AMPERES 20 VOLTS RDS(on) = 0.05 OHM
MTSF3N03HD MOTOROLA-MTSF3N03HD Datasheet
232Kb / 12P
SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com