Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62170ES Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62170ES
Description  3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62170ES Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62170ES Datasheet HTML 1Page - Monolithic Power Systems MP62170ES Datasheet HTML 2Page - Monolithic Power Systems MP62170ES Datasheet HTML 3Page - Monolithic Power Systems MP62170ES Datasheet HTML 4Page - Monolithic Power Systems MP62170ES Datasheet HTML 5Page - Monolithic Power Systems MP62170ES Datasheet HTML 6Page - Monolithic Power Systems MP62170ES Datasheet HTML 7Page - Monolithic Power Systems MP62170ES Datasheet HTML 8Page - Monolithic Power Systems MP62170ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP62170/MP62171 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62170/MP62171 Rev.0.9
www.MonolithicPower.com
2
1/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Top
Marking
Free Air
Temperature (TA)
MP62170ES
SOIC8
62170ES
MP62170EK
Active
Low
MSOP8
62170EK
MP62171ES
SOIC8
62171ES
MP62171EK
Active
High
Single
1.5A
2.3A
MSOP8
62171EK
-20
°C to +85°C
* For Tape & Reel, add suffix –Z (g. MP62170ES–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP62171ES–LF–Z)
PACKAGE REFERENCE
OUT
OUT
OUT
FLAG
GND
IN
IN
EN*
1
2
3
4
5
6
7
8
GND
IN
IN
EN*
1
2
3
4
8
7
6
5
OUT
OUT
OUT
FLAG
TOP VIEW
SOIC8
MSOP8
MP62170
Single-Channel
(* EN is active high for MP62171)
ABSOLUTE MAXIMUM RATINGS
(1)
IN .................................................-0.3V to +6.0V
EN, FLAG, OUT to GND ..............-0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8.........................................................1.4W
MSOP8.......................................................0.8W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Operating Junct. Temp (TJ)...... -20°C to +125°C
Thermal Resistance
(3)
θJA
θJC
SOIC8..................................... 90 ...... 42...
°C/W
MSOP8…. ............................. 150 ..... 65...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com