Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 27103C
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

27103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  27103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 27103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 27103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_2700C_A02 Page 1 of 3
2700 Series
Surface Mount Power Inductors
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
DC Current2
DC Resistance
±20%
Max.
Max.
μH
A
Ω
27472C
4.7
1.6
0.10
27682C
6.8
1.4
0.13
27103C
10
1.1
0.15
27153C
15
0.9
0.23
27223C
22
0.75
0.30
27333C
33
0.6
0.45
27473C
47
0.5
0.70
27683C
68
0.42
0.90
27104C
100
0.35
1.30
27154C
150
0.28
2.00
27224C
220
0.24
3.00
27334C
330
0.19
4.50
27474C
470
0.16
6.50
27684C
680
0.14
8.50
27105C
1000
0.11
14.0
ABSOLUTE MAXIMUM RATINGS
Operating temperature range3
-40°C to 125°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
260°C
Pin finish
Gold
Moisture sensitivity level4
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 0.3g Typ.
Recommended Pad Layout
All dimensions in mm (inches)
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
3 Including self heating of the device.
4 Representative samples of the product were subjected to the conditioning described in IPC/JEDEC J-STD-020D and passed electrical
testing, package coplanarity and visual inspection which revealed no external cracks or changes in package body flatness.
FEATURES
RoHS compliant
Up to 1.6A IDC
4.7μH to 1mH
Low RDC
Ultra-low profile
UL 94V-0 packaging materials
J-STD-020D reflow
Custom inductance values available
The 2700 series is a range of ultra-low profile,
surface-mount power inductors. They are designed
for use in power applications with restricted
height, such as handheld devices, DC-DC
converters and notebook computers. The products
are supplied in tape and reel for high-volume,
automated surface-mount assembly.
PRODUCT OVERVIEW
5.9 (0.232)
1.8 (0.071)
9.6 (0.378)
9.0±0.2
(0.354±0.008)
0.7 (0.028)
1.35 (0.053)
5.0±0.2
(0.197±0.008)
7.7±0.2
(0.303±0.008)
1.65 (0.065) Max.
472


Similar Part No. - 27103C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2710314 PHOENIX-2710314 Datasheet
372Kb / 8P
MCR-SL-D-SPA-UI - Setpoint adjuster
More results

Similar Description - 27103C

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com