Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62260 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62260
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62260 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62260 Datasheet HTML 1Page - Monolithic Power Systems MP62260 Datasheet HTML 2Page - Monolithic Power Systems MP62260 Datasheet HTML 3Page - Monolithic Power Systems MP62260 Datasheet HTML 4Page - Monolithic Power Systems MP62260 Datasheet HTML 5Page - Monolithic Power Systems MP62260 Datasheet HTML 6Page - Monolithic Power Systems MP62260 Datasheet HTML 7Page - Monolithic Power Systems MP62260 Datasheet HTML 8Page - Monolithic Power Systems MP62260 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP62260/MP62261 – CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62260/MP62261 Rev. 0.9
www.MonolithicPower.com
4
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
SOIC8
Name
Description
1
GND
Ground.
2, 3
IN
Input Voltage. Accepts 2.7V to 5.5V input.
4
EN
———
*
Active Low: (MP62260), Active High: (MP62261)
5
FLAG
_________
IN-to-OUT Over-current, active-low output flag. Open-Drain.
6, 7, 8
OUT
IN-to-OUT Power-Distribution Output (for all 3 output pins)
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25ºC, unless otherwise noted.
Vout
Ton delay
Ton
Toff
Toff delay
Vout
Ton delay
Ton
Toff delay
Toff
EN
EN
Vout
OUT
TEST CIRCUIT
VOLTAGE WAVEFORMS
tr
tf
50%
50%
50%
50%
90%
90%
90%
90%
10%
10%
10%
10%
10%
10%
90%
90%
RL
CL
Figure 1—Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com