Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62260-1 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP62260-1
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62260-1 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP62260-1 Datasheet HTML 2Page - Monolithic Power Systems MP62260-1 Datasheet HTML 3Page - Monolithic Power Systems MP62260-1 Datasheet HTML 4Page - Monolithic Power Systems MP62260-1 Datasheet HTML 5Page - Monolithic Power Systems MP62260-1 Datasheet HTML 6Page - Monolithic Power Systems MP62260-1 Datasheet HTML 7Page - Monolithic Power Systems MP62260-1 Datasheet HTML 8Page - Monolithic Power Systems MP62260-1 Datasheet HTML 9Page - Monolithic Power Systems MP62260-1 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP62260-1/MP62261-1 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH WITH OUTPUT DISCHARGE
MP62260-1/MP62261-1 Rev. 0.9
www.MonolithicPower.com
6
1/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
(CONTINUED)
VIN=5V, VEN=0V for MP62260-1, VCC=5V, CL=2.2uF, TA=25℃ unless otherwise noted.
3
3.2
3.4
3.6
3.8
4
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE (V)
Threshold Trip Current vs.
Input Voltage
0
5
10
15
20
25
30
35
40
45
50
55
60
4
6
8 101214161820
PEAK CURRENT (A)
Current Limit Response
time vs. Peak Current
VOUT
2V/div
EN
2V/div
VOUT
2V/div
EN
2V/div
IOUT
1A/div
EN
2V/div
VOUT
2V/div
IOUT
2A/div
VOUT
2V/div
EN
2V/div
VOUT
2V/div
EN
2V/div
400us/div
400us/div
400us/div
200us/div
400us/div
Turn On Delay and Rise
Time with 1uF Load
IOUT=2A
Turn Off Delay and Fall
Time with 1uF Load
IOUT=2A
Turn On Delay and Rise
Time with 100uF Load
CL=100uF, IOUT=2A
Turn Off Delay and Fall
Time with 100uF Load
CL=100uF, IOUT=2A
Short Circuit Current,
Device Enabled into Short
4ms/div
Threshold Trip Current with
Ramped Load on
Enabled Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com