Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62260DS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP62260DS
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62260DS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP62260DS Datasheet HTML 3Page - Monolithic Power Systems MP62260DS Datasheet HTML 4Page - Monolithic Power Systems MP62260DS Datasheet HTML 5Page - Monolithic Power Systems MP62260DS Datasheet HTML 6Page - Monolithic Power Systems MP62260DS Datasheet HTML 7Page - Monolithic Power Systems MP62260DS Datasheet HTML 8Page - Monolithic Power Systems MP62260DS Datasheet HTML 9Page - Monolithic Power Systems MP62260DS Datasheet HTML 10Page - Monolithic Power Systems MP62260DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP62260/MP62261 – CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP62260/MP62261 Rev. 0.9
www.MonolithicPower.com
8
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
Vref
Deglitch
Logic
Charge
Pump
GND
Thermal
Sense
UVLO
IN
EN*
FLAG
OUT
Current
Sense
AMP
--
--
--
--
+
+
--
Figure2—MP62260/MP62261 Functional Block Diagram (*is active high for MP62261)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com