Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62261-1 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP62261-1
Description  3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62261-1 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP62261-1 Datasheet HTML 3Page - Monolithic Power Systems MP62261-1 Datasheet HTML 4Page - Monolithic Power Systems MP62261-1 Datasheet HTML 5Page - Monolithic Power Systems MP62261-1 Datasheet HTML 6Page - Monolithic Power Systems MP62261-1 Datasheet HTML 7Page - Monolithic Power Systems MP62261-1 Datasheet HTML 8Page - Monolithic Power Systems MP62261-1 Datasheet HTML 9Page - Monolithic Power Systems MP62261-1 Datasheet HTML 10Page - Monolithic Power Systems MP62261-1 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP62260-1/MP62261-1 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH WITH OUTPUT DISCHARGE
MP62260-1/MP62261-1 Rev. 0.9
www.MonolithicPower.com
9
1/12/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
DETAILED DESCRIPTION
Over Current
When the load exceeds trip current (minimum
threshold current triggering constant-current
mode) or a short is present, MP62260-
1/MP62261-1 switches into to a constant-current
mode (current limit value). MP62260-1/MP62261-
1 will be shutdown only if the over current
condition stays long enough to trigger thermal
protection.
Trigger over current protection for different
overload conditions occurring in applications:
1) The output has been shorted or overloaded
before the device is enabled or input applied.
MP62260-1/MP62261-1 detects the short or
overload and immediately switches into a
constant-current mode.
2) A short or an overload occurs after the device
is enabled. After the current-limit circuit has
been tripped (reached the trip current
threshold), the device switches into constant-
current mode. However, high current may
flow for a short period of time before the
current-limit circuit can react.
3) Output current has been gradually increased
beyond the recommended operating current.
The load current rises until the trip current
threshold is reached or until the thermal limit
of the device is exceeded. The MP62260-
1/MP62261-1 is capable of delivering current
up to the trip current threshold without
damaging the device. Once the trip threshold
has been reached, the device switches into
its constant-current mode.
Flag Response
The FLAG pin is an open drain configuration.
This FAULT will report a fail mode after an 8ms
deglitch timeout. This is used to ensure that no
false fault signals are reported. This internal
deglitch circuit eliminates the need for extend
components. The FLAG pin is not deglitched
during over temperature or voltage lockout.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow
and
heating
the
junction.
The
die
temperature is internally monitored until the
thermal limit is reached. Once this temperature is
reached, the switch will turn off and allow the
chip to cool. The switch has a built-in hysteresis,
and would recover once cooling down to approx
120°C.
Under-voltage Lockout (UVLO)
This circuit is used to monitor the input voltage to
ensure
that
the
MP62260-1/MP62261-1
is
operating correctly.
This UVLO circuit also ensures that there is no
operation until the input voltage reaches the
minimum spec.
Enable
The logic pin disables the switch to reduce
overall supply current. Once the EN pin reaches
EN threshold, the MP62260-1/MP62261-1 is
enabled.
Output Discharge
The part involves a discharge function that
provides a resistive discharge path for the
external output capacitor. The function will be
active when the part is disabled (Input voltage is
under UVLO or enable is deasserted) and it will
be done in a very limited time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com