Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62340 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62340
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62340 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62340 Datasheet HTML 1Page - Monolithic Power Systems MP62340 Datasheet HTML 2Page - Monolithic Power Systems MP62340 Datasheet HTML 3Page - Monolithic Power Systems MP62340 Datasheet HTML 4Page - Monolithic Power Systems MP62340 Datasheet HTML 5Page - Monolithic Power Systems MP62340 Datasheet HTML 6Page - Monolithic Power Systems MP62340 Datasheet HTML 7Page - Monolithic Power Systems MP62340 Datasheet HTML 8Page - Monolithic Power Systems MP62340 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP62340/MP62341
3.3V/5V, Dual-Channel 1A
Current-Limited Power Distribution Switches
MP62340/MP62341 Rev.1.0
www.MonolithicPower.com
1
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62340/MP62341 Power Distribution
Switch features internal current limiting to
prevent damage to host devices due to faulty
load
conditions.
The
MP62340/MP62341
analog switch has 80mΩ on-resistance and
operates from 2.7V to 5.5V input. It is available
with guaranteed current limits, making it ideal
for
load
switching
applications.
The
MP62340/MP62341 has built-in protection for
both over current and increased thermal stress.
For over current, the device will limit the current
by changing to a constant current mode.
As the temperature increases as a result of
short circuit, then the device will shut off. The
device will recover once the device temperature
reduces to approx 120
°C.
The MP62340/MP62341 is available in 8-pin
MSOP package with exposed pad and SOIC
package without exposed pad.
FEATURES
• 1A Continuous Current
• Accurate Current Limit
• 2.7V to 5.5V Supply Range
• 140 μA Quiescent Current
• 80mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
• Available is MSOP8E and SOIC8
• UL Approved—E322138
APPLICATIONS
• PDAs
• Portable GPS
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Trademarks of Monolithic Power Systems,
Inc.
TYPICAL APPLICATION
OUT2
MP62340/
MP62341
OUT1
1
2
3
4
5
6
7
8
+5V
To USB Controller
Output 1
Output 2
FLAG1
FLAG2
EN1*
IN
GND
EN2*
* EN is active high for MP62341


Similar Part No. - MP62340

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP62340DH-1 MPS-MP62340DH-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP62340DS-1 MPS-MP62340DS-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
More results

Similar Description - MP62340

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2062C TI1-TPS2062C Datasheet
1Mb / 25P
Dual Channel, Current-Limited, Power-Distribution Switches
logo
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211-3 MPS-MP6211-3 Datasheet
589Kb / 13P
3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
MP62350 MPS-MP62350 Datasheet
359Kb / 12P
3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Monolithic Power System...
MP6233 MPS-MP6233 Datasheet
248Kb / 10P
3.3V/5V, Dual-Channel 1.5A Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com