Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62341 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP62341
Description  3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62341 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP62341 Datasheet HTML 1Page - Monolithic Power Systems MP62341 Datasheet HTML 2Page - Monolithic Power Systems MP62341 Datasheet HTML 3Page - Monolithic Power Systems MP62341 Datasheet HTML 4Page - Monolithic Power Systems MP62341 Datasheet HTML 5Page - Monolithic Power Systems MP62341 Datasheet HTML 6Page - Monolithic Power Systems MP62341 Datasheet HTML 7Page - Monolithic Power Systems MP62341 Datasheet HTML 8Page - Monolithic Power Systems MP62341 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP62340/MP62341 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62340/MP62341 Rev.1.0
www.MonolithicPower.com
2
12/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Enable
Switch
Maximum
Continuous
Load Current
Typical Short-
Circuit Current
@ TA=25C
Package
Top
Marking
Free Air
Temperature
Range (TA)
MP62340DS
SOIC8
62340DS
MP62340DH
Active
Low
MSOP8E
62340DH
MP62341DS
SOIC8
62341DS
MP62341DH
Active
High
Dual
1A
1.5A
MSOP8E
62341DH
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP62340DS -LF–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP62340DS -LF–Z)
PACKAGE REFERENCE
GND
IN
EN1*
EN2*
FLAG1
OUT1
OUT2
FLAG2
1
2
3
4
8
7
6
5
TOP VIEW
SOIC8
GND
IN
EN1*
EN2*
FLAG1
OUT1
OUT2
FLAG2
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
MSOP8E
MP62340/MP62341
Dual-Channel
(* EN is active high for MP62341)
ABSOLUTE MAXIMUM RATINGS (1)
IN................................................ -0.3V to +6.0V
EN, FLAG, OUT to GND ............. -0.3V to +6.0V
Continuous Power Dissipation (TA = +25°C)
(2)
MSOP8E.................................................... 2.3W
SOIC8..................................................... 1.4W
Junction Temperature.............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature.............. –65°C to +150°C
Operating Junction Temp (TJ) ... –40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
SOIC8 .................................... 90 ...... 42...
°C/W
MSOP8E ................................ 55 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of
themaximum junction temperature TJ (MAX), the junction-
toambient
thermal
resistance
θJA,
and
the
ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com