Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2128 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2128
Description  2.5V-to-6V Input, 3MHz, 1A Synchronous, Step-Down Converter Available in AEC-Q100
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2128 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2128 Datasheet HTML 1Page - Monolithic Power Systems MPQ2128 Datasheet HTML 2Page - Monolithic Power Systems MPQ2128 Datasheet HTML 3Page - Monolithic Power Systems MPQ2128 Datasheet HTML 4Page - Monolithic Power Systems MPQ2128 Datasheet HTML 5Page - Monolithic Power Systems MPQ2128 Datasheet HTML 6Page - Monolithic Power Systems MPQ2128 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MPQ2128 – 3MHz, 1A, SYNCHRONOUS, STEP-DOWN CONVERTER
MPQ2128 Rev. 1.1
www.MonolithicPower.com
3
4/1/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(5)
VIN = VEN = 3.6V, Tj = -40°C to 125°C, unless otherwise noted. Typical values are at Tj = 25 °C.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN, VFB = 0.65V
350
750
μA
Shutdown Current
VEN = 0V, VIN = 6V
0.01
1.2
μA
IN Under Voltage Lockout Threshold
Rising Edge
1.75
2.1
2.3
V
IN Under Voltage Lockout Hysteresis
250
mV
Regulated FB Voltage
Tj = +25°C
0.582
0.594
0.606
V
–40°C
≤ T
j
≤ 125°C
0.574
0.594
0.614
V
FB Input Bias Current
VFB = 0.65V
-200
200
nA
PFET Current Limit
Duty Cycle
≤ 40%
Tj = 25°C
1.8
A
-40°C
≤T
j
≤125°C
1.2
PFET On-Resistance
ISW = 100mA
200
m
Ω
NFET On-Resistance
ISW = –100mA
150
m
Ω
SW Leakage Current
VEN = 0V; VIN = 6V
VSW = 0V or 6V
–3
3
μA
EN High Threshold
–40°C
≤ T
J
≤125°C
1.6
V
EN Low Threshold
–40°C
≤ T
J
≤125°C
0.4
V
Internal Soft-Start Time
100
µs
Oscillator Frequency
2.2
2.8
3.4
MHz
Thermal Shutdown Threshold
Hysteresis=20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com