Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ2451 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ2451
Description  Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2451 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ2451 Datasheet HTML 8Page - Monolithic Power Systems MPQ2451 Datasheet HTML 9Page - Monolithic Power Systems MPQ2451 Datasheet HTML 10Page - Monolithic Power Systems MPQ2451 Datasheet HTML 11Page - Monolithic Power Systems MPQ2451 Datasheet HTML 12Page - Monolithic Power Systems MPQ2451 Datasheet HTML 13Page - Monolithic Power Systems MPQ2451 Datasheet HTML 14Page - Monolithic Power Systems MPQ2451 Datasheet HTML 15Page - Monolithic Power Systems MPQ2451 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPQ2451―INDUSTRIAL-GRADE 36V, 2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451 Rev 1.02
www.MonolithicPower.com
13
5/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Compensation Components
The goal of compensation design is to shape the
converter transfer function to get a desired loop
gain. Lower crossover frequencies result in
slower line and load transient responses, while
higher crossover frequencies can cause system
instability. Generally, set the crossover frequency
to equal approximately one-tenth of the switching
frequency. If using an electrolytic capacitor,
select a loop bandwidth is no higher than 1/4 of
the ESR zero frequency (fESR), where fESR is
given by:
ESR
ESR
R
2
C
2
1
f
×
×
π
=
The Table 3 lists the typical values of
compensation components of some standard
output voltages with various output capacitors
(ceramic) and inductors. The values of the
compensation components have been optimized
for fast transient responses and good stability
under the given conditions.
Table 3: Compensation Values for Typical
VOUT (V)
L (µH)
C2 (µF)
R2 (kΩ)
C3 (pF)
1.2
2.2
10
249
22
2.5
2.2
10
57.6
22
3.3
2.2
10
40.2
33
5
3.3
10
23.7
33
12
6.2
10
8.87
47
Note:
With the compensation, the control loop has the bandwidth at about
1/10 switching frequency and the phase margin higher than 45
degree.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator. Connect an external
BST diode from 5V to the BST pin if:
There is a 5V rail available to the system;
VIN ≤ 5V;
3.3V < VOUT < 5V;
This diode is also recommended for high-duty–
cycle (VOUT/VIN > 65%) applications.
A low-cost bootstrap diode, such as IN4148 or
BAT54, is suitable for such applications.
MPQ2451
BS
SW
5V
Figure 2: External Bootstrap Diode
At no load or light load, the converter may
operate in pulse-skipping mode in order to
regulate the output voltage and leave less time to
refresh the BST voltage. To ensure sufficient
gate voltage, select (VIN - VOUT) > 3V. For
example, if VOUT is 3.3V, VIN needs to be higher
than 3.3V+3V=6.3V at no load or light load. To
meet this requirement, the EN pin can be used to
program the input UVLO voltage to VOUT+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com