Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4458 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4458
Description  Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4458 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4458 Datasheet HTML 8Page - Monolithic Power Systems MPQ4458 Datasheet HTML 9Page - Monolithic Power Systems MPQ4458 Datasheet HTML 10Page - Monolithic Power Systems MPQ4458 Datasheet HTML 11Page - Monolithic Power Systems MPQ4458 Datasheet HTML 12Page - Monolithic Power Systems MPQ4458 Datasheet HTML 13Page - Monolithic Power Systems MPQ4458 Datasheet HTML 14Page - Monolithic Power Systems MPQ4458 Datasheet HTML 15Page - Monolithic Power Systems MPQ4458 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MPQ4458 –INDUSTRIAL GRADE,1A, 4MHz, 36V STEP-DOWN CONVERTER
MPQ4458 Rev. 1.0
www.MonolithicPower.com
13
12/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
2. Choose the compensation capacitor (C3) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
Where R3 is the compensation resistor value.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=
High Frequency Operation
The switching frequency of MPQ4458 can be
programmed up to 4MHz by an external resistor.
Please pay attention to the following if the
switching frequency is above 2MHz.
The minimum on time of MPQ4458 is about
80ns (typ). Pulse skipping operation can be
seen more easily at higher switching frequency
due to the minimum on time. Recommended
operating voltage at 4MHz is 12V or below, and
24V or below at 2MHz.
30
25
20
15
10
5
1.5
2.0
2.5
3.0
3.5
4.0
fS (MHz)
Input Max vs
Switching Frequency
VO=3.3V
VO=2.5V
Figure 2—Recommended Input vs. fS
Since the internal bootstrap circuitry has higher
impedance, which may not be adequate to
charge the bootstrap capacitor during each
charging period, an external bootstrap charging
diode is strongly recommended if the switching
frequency is above 2MHz (see External
Bootstrap
Diode
section
for
detailed
implementation information).
With higher switching frequencies, the inductive
reactance (XL) of a capacitor dominates, such
that the ESL of the input/output capacitor
determines the input/output ripple voltage at
higher switching frequencies. As a result, high
frequency ceramic capacitors are strongly
recommended as input decoupling capacitors
and output filtering capacitors.
Layout becomes more important when the
device switches at higher frequency. It is
essential
to
place
the
input
decoupling
capacitor, catch diode and the MPQ4458 as
close together as possible, with traces that are
very short and fairly wide. This can help to
greatly reduce the voltage spikes on SW and
also lower the EMI noise level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com