Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4462 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems MPQ4462 Datasheet HTML 10Page - Monolithic Power Systems MPQ4462 Datasheet HTML 11Page - Monolithic Power Systems MPQ4462 Datasheet HTML 12Page - Monolithic Power Systems MPQ4462 Datasheet HTML 13Page - Monolithic Power Systems MPQ4462 Datasheet HTML 14Page - Monolithic Power Systems MPQ4462 Datasheet HTML 15Page - Monolithic Power Systems MPQ4462 Datasheet HTML 16Page - Monolithic Power Systems MPQ4462 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
13
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
For simplicity, choose an input capacitor with an
RMS current rating greater than half of the
maximum load current.
The input capacitor (C1) can be electrolytic,
tantalum, or ceramic. Electrolytic or tantalum
capacitors will need a small, high-quality
ceramic capacitor (0.1μF) placed as close to
the IC as possible. Ceramic capacitors must
have enough capacitance to prevent excessive
input voltage ripple. The capacitor-incurred
input voltage ripple is approximately:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Output Capacitor
The output capacitor (C2) maintains the output
DC voltage. Use ceramic, tantalum, or low-ESR
electrolytic capacitors. Low-ESR capacitors are
best at limiting the output voltage ripple. The
output voltage ripple is approximately:
OUT
OUT
OUT
ESR
SIN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where L is the inductor and RESR is the output
capacitor’s equivalent series resistance.
If using ceramic capacitors, the capacitance
dominates the impedance at the switching
frequency and contributes to the majority of the
output voltage ripple. The output voltage ripple
is approximately:
OUT
OUT
OUT
2
SIN
VV
ΔV1
8f
L C2
V
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
If using either tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. The output ripple is
approximately:
OUT
OUT
OUT
ESR
IN
S
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The output capacitor also affects the regulatory-
system’s stability. The MPQ4462 can be
optimized for a wide range of capacitances and
ESR values.
Compensation Components
The MPQ4462 employs current-mode control
for easy compensation and fast transient
response. The COMP pin—the output of the
internal
error
amplifier—controls
system
stability and transient response. A series RC
combination adds a pole-zero pair to the control
system . The DC gain of the voltage feedback
loop is:
FB
VDC
LOAD
CS
VEA
OUT
V
AR
G
A
V
=×
×
×
Where
AVEA is the error amplifier voltage gain (200V/V)
GCS is the current sense transconductance
(9A/V), and
RLOAD is the load resistor value.
The system has two important poles: the
compensation capacitor (C3) and the error
amplifier’s output resistor; and the output
capacitor and the load resistor. These poles are
located at:
EA
P1
VEA
G
f
2C3 A
=
π×
×
P2
LOAD
1
f
2C2 R
=
π×
×
Where,
GEA
is
the
error
amplifier’s
transconductance, 60μA/V.
The system has one important zero due to the
compensation
capacitor
(C3)
and
the
compensation resistor (R3). This zero is located
at:
Z1
1
f
2C3 R3
=
π×
×
The system may have another important zero if
the output capacitor is large and/or has a high-
ESR. The zero is located at:
ESR
ESR
1
f
2C2 R
=
π×
×
In case requires a third pole set by the
compensation
capacitor
(C6)
and
the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com