Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4470GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4470GL
Description  High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4470GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4470GL Datasheet HTML 1Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 2Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 3Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 4Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 5Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 6Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 7Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 8Page - Monolithic Power Systems MPQ4470GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MPQ4470/4470A
High-Efficiency, Fast-Transient, 5A, 36V
Synchronous, Step-Down Converter
AEC-Q100 Qualified
MPQ4470/4470A Rev. 1.1
www.MonolithicPower.com
1
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ4470/4470A is a fully-integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution to achieve a 5A, continuous-output
current over a wide input-supply range with
excellent load and line regulation. It also
provides fast transient response and good
stability for wide input-supply and load range.
The
MPQ4470/4470A
operates
at
high
efficiency over a wide output current load range.
MPQ4470 has full protection features include
SCP, OCP, OVP latch, UVP, and thermal
shutdown. MPQ4470A has the same protection
features to MPQ4470 except has no OVP latch
function.
The MPQ4470/4470A requires a minimal number
of
readily-available,
standard,
external
components, and is available in a space-saving
3mm×4mm, 20-pin, QFN package.
FEATURES
• Wide 4.5V-to-36V Operating Input Range
• Guaranteed 5A, Continuous Output Current
• Internal 40mΩ High-Side, 20mΩ Low-Side
Power MOSFETs
• Proprietary Switching-Loss-Reduction
Technology
• 1% Reference Voltage
• Programmable Soft-Start Time
• Low Drop-out Mode
• 200kHz-to-1MHz Switching Frequency
• SCP, OCP, OVP Latch (MPQ4470 only),
UVP, and Thermal Shutdown
• Output Adjustable from 0.8V to 0.9×VIN
• Available in a 3mm×4mm 20-pin QFN
Package
• Available in AEC-Q100 Grade 1
APPLICATIONS
•
Notebook Systems and I/O Power
•
Automotive Systems
•
Networking Systems
•
Industrial Supplies
•
Optical Communications Systems
•
Distributed Power and POL Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
OUTPUT CURRENT (A)


Similar Part No. - MPQ4470GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4470GL MPS-MPQ4470GL Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
MPQ4470GL MPS-MPQ4470GL Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results

Similar Description - MPQ4470GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4415M MPS-MPQ4415M Datasheet
1Mb / 22P
1.5A, 36V, 2.2MHz, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420A MPS-MPQ4420A Datasheet
1Mb / 20P
2A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com