Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLA7000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TLA7000
Description  TLA7000 Logic Analyzers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLA7000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TLA7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TLA7000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TLA7016 Benchtop Mainframe physical specifications
Dimensions
Height
350 mm (13.7 in.)
Width
425 mm (16.7 in.)
Depth
673 mm (26.5 in.)
Weight
Net (without modules)
25 kg (55 lb.)
Shipping (typical
51.8 kg (115 lb.)
TLA708EX 8-port instrument Hub and expander physical specifications
Dimensions
Height
51 mm (2.0 in.)
Width
455 mm (17.5 in.)
Depth
305 mm (12.0 in.)
Weight
Net
3 kg (6 lb.)
Shipping
5 kg (11 lb.)
TLA7ACx logic analyzer module specifications
Specifications apply to all TLA7ACx models unless noted otherwise.
General specifications
Number of channels
All channels are acquired including clocks
TLA7AC2
68 channels (4 are clock channels)
TLA7AC3
102 channels (4 are clock and 2 are qualifier channels)
TLA7AC4
136 channels (4 are clock and 4 are qualifier channels)
Channel grouping
No limit to number of groups or number of channels per group (all channels can be reused in multiple groups)
Module merging
Up to five 102-channel or 136-channel modules can be "merged" to make up to a 680-channel module. Merged modules exhibit
the same depth as the lesser of the five individual modules.
Word/setup-and-hold/glitch/transition recognizers span all five modules. Range recognizers limited to three-module merge. Only
one set of clock connections is required.
Time stamp
51 bits at 125 ps resolution (3.25 days duration)
Clocking/Acquisition modes
Asynchronous and synchronous 8 GHz MagniVu high-speed timing is available simultaneous with all modes.
Number of mainframe instrument
slots required per TLA series
module
2
Tektronix Logic Analyzers – TLA7000 Series
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com