Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS1011E Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VS1011E
Description  MP3 AUDIO DECODER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1011E Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VS1011E Datasheet HTML 3Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 4Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 5Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 6Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 7Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 8Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 9Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
VS1011e
4
CHARACTERISTICS & SPECIFICATIONS
4
Characteristics & Specifications
4.1
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Analog Positive Supply
AVDD
-0.3
3.6
V
Digital Positive Supply
DVDD
-0.3
3.6
V
Current at Any Digital Output
±50
mA
Voltage at Any Digital Input
DGND-1.0
DVDD+1.01
V
Operating Temperature
-30
+85
◦C
Functional Operating Temperature
-40
+95
◦C
Storage Temperature
-65
+150
◦C
1 Must not exceed 3.6 V
4.2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
-40
+85
◦C
Analog and Digital Ground 1
AGND DGND
0.0
V
Positive Analog
AVDD
2.5
2.7
3.6
V
Positive Digital
DVDD
2.3
2.5
3.6
V
Input Clock Frequency
XTALI
24
24.576
26
MHz
Input Clock Frequency, with clock doubler
XTALI
12
12.288
13
MHz
Internal Clock Frequency
CLKI
242
24.576
26
MHz
Master Clock Duty Cycle
40
50
60
%
1 Must be connected together as close to the device as possible for latch-up immunity.
2 The maximum sample rate that can be played with correct speed is CLKI/512.
Thus, if CLKI is 24 MHz, 48 kHz sample rate is played 2.5% off-key.
Version: 1.10, 2012-02-29
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com