Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSF3N03HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTSF3N03HD
Description  SINGLE TMOS POWER MOSFET 3.8 AMPERES 30 VOLTS RDS(on) = 0.040 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF3N03HD Datasheet(HTML) 3 Page - Motorola, Inc

  MTSF3N03HD Datasheet HTML 1Page - Motorola, Inc MTSF3N03HD Datasheet HTML 2Page - Motorola, Inc MTSF3N03HD Datasheet HTML 3Page - Motorola, Inc MTSF3N03HD Datasheet HTML 4Page - Motorola, Inc MTSF3N03HD Datasheet HTML 5Page - Motorola, Inc MTSF3N03HD Datasheet HTML 6Page - Motorola, Inc MTSF3N03HD Datasheet HTML 7Page - Motorola, Inc MTSF3N03HD Datasheet HTML 8Page - Motorola, Inc MTSF3N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MTSF3N03HD
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0)
(1) (3)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
—
—
27
—
—
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 24 Vdc, VGS = 0 Vdc)
(VDS = 24 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
—
—
—
—
1.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(3)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
—
1.5
4.5
—
—
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0)
(3)
(VGS = 10 Vdc, ID = 3.8 Adc)
(VGS = 4.5 Vdc, ID = 1.9 Adc)
RDS(on)
—
—
35
45
40
60
m
Ω
Forward Transconductance (VDS = 10 Vdc, ID = 1.9 Adc)
gFS
2.0
—
—
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
—
420
—
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
—
190
—
Transfer Capacitance
f = 1.0 MHz)
Crss
—
65
—
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
15 Vd
I
3 7 Ad
td(on)
—
7.0
—
ns
Rise Time
(VDS = 15 Vdc, ID = 3.7 Adc,
tr
—
19
—
Turn–Off Delay Time
( DS
, D
,
VGS = 10 Vdc, RG = 6 Ω) (1)
td(off)
—
32
—
Fall Time
tf
—
36
—
Turn–On Delay Time
(V
15 Vd
I
1 9 Ad
td(on)
—
7.0
—
ns
Rise Time
(VDD = 15 Vdc, ID = 1.9 Adc,
tr
—
11
—
Turn–Off Delay Time
( DD
, D
,
VGS = 4.5 Vdc, RG = 6 Ω) (1)
td(off)
—
29
—
Fall Time
tf
—
23
—
Gate Charge
(V
24 Vd
I
3 7 Ad
QT
—
18.5
26
nC
(VDS = 24 Vdc, ID = 3.7 Adc,
Q1
—
1.4
—
( DS
, D
,
VGS = 10 Vdc)
Q2
—
5.5
—
Q3
—
7.1
—
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 3.7 Adc, VGS = 0 Vdc) (1)
(IS = 3.7 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
—
—
0.82
0.7
1.0
—
Vdc
Reverse Recovery Time
(I
3 7 Adc V
0 Vdc
trr
—
28
—
ns
(IS = 3.7 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (1)
ta
—
14
—
dIS/dt = 100 A/µs) (1)
tb
—
14
—
Reverse Recovery Storage Charge
QRR
—
0.028
—
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com