Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2036-15-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2036-15-SM-RPLF
Description  2036-xx-SM Precision Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-15-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2036-15-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-15-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-15-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2036-xx-SM Precision Gas Discharge Tube Surge Protector
Product Dimensions
Recommended Pad Layout
How To Order
2036 - xx - SM - RP LF
Model Number Designator
Voltage (divided by 10)
Surface Mount
Packaging Options*
Blank = Bulk Packaging (Standard)
RP = Reelpack - 1000 pcs./reel (Optional)
RP2 = Reelpack - 1000 pcs./reel (Optional)
Lead Free Option
Blank = Standard Product
LF = Lead Free / RoHS Compliant Product
* The optional -RP & -RP2 reelpacks contain 1000 pcs./reel.
The reels are 330 mm in diameter. The -RP reelpack is 18 mm
wide. The -RP2 reelpack is 26 mm wide.
7.3
0.9
0.5
0.7
DIMENSIONS: MILLIMETERS
.X ± 0.25
DIMENSION TOLERANCE:
4.8 DIA.
5.0 DIA.
5.0
3.3
8.2
1.6
5.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com