Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8557ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8557ACPZ-R2
Description  Digitally Programmable Sensor Signal Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8557ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8557ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8557
Rev. C | Page 20 of 24
Determining Optimal Gain and Offset Codes
First, determine the desired gain:
1. Determine the desired gain, GA (using the measurements
obtained from the simulation).
2. Use Table 7 to determine G2, the second stage gain, such
that (2.8 × 1.05) < (GA/G2) < (5.2/1.05). This ensures the
first and last codes for the first stage gain are not used,
thereby allowing enough first stage gain codes within each
second stage gain range to adjust for the 3% accuracy.
Next, set the second stage gain:
1. Use the simulation mode to set the second stage gain to G2.
2. Set the output offset to allow the AD8557 gain to be
measured, for example, use Code 128 to set it to midsupply.
3. Use Table 6 or Equation 1 to set the first stage gain code
CG1, so the first stage gain is nominally GA/G2.
4. Measure the resulting gain (GB). GB should be within
3% of GA.
5. Calculate the first stage gain error (in relative terms)
EG1 = GB/GA − 1.
6. Calculate the error (in the number of the first stage gain
codes) CEG1 = EG1/0.00489.
7. Set the first stage gain code to CG1 − CEG1.
8. Measure the gain (GC). GC should be closer to GA than to GB.
9. Calculate the error (in relative terms) EG2 = GC/GA − 1.
10. Calculate the error (in the number of the first stage gain
codes) CEG2 = EG2/0.00489.
11. Set the first stage gain code to CG1 − CEG1 − CEG2. The
resulting gain should be within one code of GA.
Finally, determine the desired output offset:
1. Determine the desired output offset OA (using the
measurements obtained from the simulation).
2. Use Equation 2 to set the output offset code CO1 such that
the output offset is nominally OA.
3. Measure the output offset (OB). OB should be within
3% of OA.
4. Calculate the error (in relative terms) EO1 = OB/OA − 1.
5. Calculate the error (in the number of the output offset
codes) CEO1 = EO1/0.00392.
6. Set the output offset code to CO1 − CEO1.
7. Measure the output offset (OC). OC should be closer to OA
than to OB.
8. Calculate the error (in relative terms) EO2 = OC/OA − 1.
9. Calculate the error (in the number of the output offset
codes) CEO2 = EO2/0.00392.
10. Set the output offset code to CO1 − CEO1 − CEO2. The
resulting offset should be within one code of OA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com