Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9220ARSZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9220ARSZ
Description  Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9220ARSZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9220ARSZ Datasheet HTML 21Page - Analog Devices AD9220ARSZ Datasheet HTML 22Page - Analog Devices AD9220ARSZ Datasheet HTML 23Page - Analog Devices AD9220ARSZ Datasheet HTML 24Page - Analog Devices AD9220ARSZ Datasheet HTML 25Page - Analog Devices AD9220ARSZ Datasheet HTML 26Page - Analog Devices AD9220ARSZ Datasheet HTML 27Page - Analog Devices AD9220ARSZ Datasheet HTML 28Page - Analog Devices AD9220ARSZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. E
AD9221/AD9223/AD9220
–25–
Figure 36. Evaluation Board Schematic
R14
50
CLK IN
5
6
U8
74HC04N
4
3
U8
74HC04N
CLK
JP15
CLK
JP16
TPE
JP21
R12
10k
JP11
R28
22
33 J8
TP3
R27
22
39 J8
TP4
R26
22
23 J8
TP5
R25
22
21 J8
TP6
R24
22
19 J8
TP7
R23
22
17 J8
TP8
R22
22
15 J8
TP9
R21
22
13 J8
TP10
R20
22
11 J8
TP11
R19
22
9J8
TP12
R18
22
7J8
TP13
R17
22
5J8
TP14
R16
22
3J8
TP15
R15
22
1 J8
TP16
A
C20
0.1 F
C19
0.1 F
C16
10 F
16V
A
C28
0.1 F
Y2B
Y3B
Y4B
Y5B
Y6B
Y7B
Y0A
Y1A
Y2A
Y3A
Y4A
Y5A
JP20
JP19
13
14
15
16
17
18
11
12
Y0A
Y1A
Y2A
Y3A
Y4A
Y5A
C21
0.1 F
+5D2
Y5
Y4
Y3
Y2
Y1
Y0
Y7
Y6
+5VD
G1
G2
A7
A6
A5
A4
A3
A2
A1
A0
GND
U6
74HC541N
8
7
6
5
4
3
2
10
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
MSB
1
19
9
TPD
C33
0.1 F
JP13
+5A
JP12
JP14
R13
10k
C17
0.1 F
TPC
D5
1N5711
A
A
C15
15pF
NOT
INSTALLED REMOVE
FOR DIFF.
MODE
A
A
C14
0.1 F
TPB
JP10
REFOUT
VINB
D4
1N5711
+5A
C18
0.1 F
+5A
20
MSB
OTR
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
LSB
AD9221/
AD9223/
AD9220
13
14
12
11
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
Y2B
Y3B
Y4B
Y5B
Y6B
Y7B
C22
0.1 F
+5D2
74HC541N
8
7
6
5
4
3
2
10
OTR
LSB
BIT 11
BIT 10
BIT 9
BIT 8
1
19
9
20
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
+5VD
G1
G2
A7
A6
A5
A4
A3
A2
A1
A0
GND
U7
12
U8
74HC04N
MSB
AVDD
AVDD
VINA
CAPB
CAPT
CML
VINB
VREF
SENSE
REFCOM
DVSS
DVDD
AVSS
AVSS
BIT 1
OTR
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
CLK
U5
15
26
23
20
21
22
24
18
17
19
27
28
25
16
D3
1N5711
A
C13
15pF
TPA
VINA
D2
1N5711
NOT
INSTALLED
A
C26
0.1 F
C25
0.1 F
C24
10 F
16V
C23
0.1 F
JP17
JP18
J7
TP1
AGND
DGND
A
+5D
A
+5A
2J8
4J8
6J8
8J8
10 J8
12 J8
14 J8
16 J8
18 J8
20 J8
22 J8
24 J8
25 J8
26 J8
27 J8
28 J8
29 J8
30 J8
31 J8
32 J8
34 J8
35 J8
36 J8
37 J8
38 J8
40 J8
NC
NC
J2
+VCC
A
C32
0.1 F
A
C29
22 F
25V
TPF
L5
+SUPPLY
JP6
J3
–VEE
TPG
A
C30
22 F
25V
+5 DIG
TPH
A
C31
22 F
25V
J4
DGND
TPI
J5
JP7
A
C4
0.1 F
C5
0.1 F
L6
L2
L3
L4
C6
0.1 F
GJ1
AGND
TPJ
J6
A
TPK
TPL
(GJ1-WIRE
JUMPER CKT SIDE)
POWER
SUPPLY
+5REFBUF
–SUPPLY
+5D
+5D2
L1
+5A
U2
IN
OUT
GND
1
3
78L05P
2
A
A
C12
0.1 F
R9
50
6
7
2
3
4
+5REFBUF
AD817
A
C34
0.1 F
–SUPPLY
JP9
R7
15k
A
C7
0.1 F
A
R8
10k
F.S./GAIN ADJ
C8
10 F
16V
EXTERNAL REFERENCE
AND REFERENCE BUFFER
U4
A
R11
1k
C9
0.1 F
R29
316
A
Q1
2N2222
A
C10
10 F
16V
A
C11
0.1 F
REFOUT
+5REFBUF
R10
820
+5REFBUF
A
U3
VIN
VOUT
GND
6
2
4
REF43
+5D2
C27
0.1 F
U8
DECOUPLING
A
VINA
C2
0.1 F
R3
261
6
7
2
3
4
U1
+SUPPLY
AD8047
A
C1
0.1 F
–SUPPLY
JP2
R2
261
JP1
JP5
A
C3
0.1 F
R5
10k
R6
10k
R4
33
JP4
JP3
R1
50
A
J1
AIN
VINB
A
9
8
U8
74HC04N
11
10
U8
74HC04N
13
12
U8
74HC04N
SPARE GATES
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com