Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9840A Datasheet(PDF) 13 Page - Analog Devices

Part # AD9840A
Description  Complete 10-Bit 40 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9840A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9840A Datasheet HTML 8Page - Analog Devices AD9840A Datasheet HTML 9Page - Analog Devices AD9840A Datasheet HTML 10Page - Analog Devices AD9840A Datasheet HTML 11Page - Analog Devices AD9840A Datasheet HTML 12Page - Analog Devices AD9840A Datasheet HTML 13Page - Analog Devices AD9840A Datasheet HTML 14Page - Analog Devices AD9840A Datasheet HTML 15Page - Analog Devices AD9840A Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD9840A
–13–
REV. 0
Table VIII. VGA Gain Register Used for AUX2-Mode
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Gain (dB)
X0
XXXXXXXXX0.0
10000000000.0
••
••
••
111111111118.0
AUX1IN
0.1 F
VGA GAIN
REGISTER
ADC
VGA
10
5k
0.4V
0.4V
INPUT SIGNAL
??V
0.8V
0.4V
MIDSCALE
0dB TO 36dB
Figure 14. AUX1 Circuit Configuration
0dB TO 18dB
8
AUX2IN
BUFFER
0.1 F
VIDEO
SIGNAL
9
CLAMP LEVEL
LPF
VGA GAIN
REGISTER
ADC
VGA
VIDEO CLAMP
CIRCUIT
CLAMP LEVEL
REGISTER
Figure 15. AUX2 Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com