Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2036-23-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2036-23-SM-RPLF
Description  2036-xx-SM Precision Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2036-23-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2036-23-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2036-23-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2036-23-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2036-xx-SM Precision Gas Discharge Tube Surge Protector
Features
■
Balanced Mini-TRIGARD™ Series
(5 mm diameter, 7.3 mm length)
■
Ideal for board level protection of broad-
band circuits
■
Leadless, surface mount for economical
assembly
■
Stable breakdown throughout life
■
High surge current rating, low insertion
loss
■
UL Recognized
■
RoHS compliant* version available
Impulse Transverse Delay.......................................100 V/µs .........................................................................< 75 ns
Insulation Resistance (IR) .......................................100 V (50 V for Model 2036-07 & 2036-09)....................> 1010 Ω
Glow Voltage ..........................................................10 mA .............................................................................~ 70 V
Arc Voltage .............................................................1 A ..................................................................................~ 10 V
Glow-Arc Transition Current ...........................................................................................................................< 0.5 A
Capacitance ...........................................................1 MHz .............................................................................< 2 pF
DC Holdover Voltage1 ............................................>135 V, (52 V for Model 2036-07, & -09, ........................< 150 ms
80 V for Model 2036-15)
Impulse Discharge Current.....................................20000 A, 8/20 µs2 ...........................................................
1 operation minimum
10000 A, 8/20 µs ............................................................> 10 operations
200 A, 10/1000 µs .........................................................> 300 operations
200 A, 10/700 µs ...........................................................> 500 operations
Alternating Discharge Current ................................20 Arms, 1 s2 ..................................................................
1 operation minimum
10 Arms, 1 s ...................................................................> 10 operations
Operating Temperature ..................................................................................................................................- 55 to +85 °C
Notes:
UL Recognized component, UL File E153537.
The rated discharge current for Mini-TRIGARD™ GDTs is the total current equally divided between each line to ground.
Sparkover limits after life ±25 % (-25 %,+30 % for Model 2036-07, 2036-09 and 2036-60), IR >108 Ω.
Operating characteristics per RUS PE-80 and Telcordia GR 1361 available on request.
Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.
1
Network applied.
2
DC Sparkover may exceed ±25 % but will continue to protect without venting.
Characteristics
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31
Bourns now offers a surface mount (SM) 3-electrode Gas Discharge Tube (GDT) surge protection device. The industry-leading quality
and features of the Bourns® miniature 2036 TRIGARD™ series GDT continues in this new SM version for “pick and place” manufactur-
ing techniques. The 2036 SM device is ideal for board level protection of high bandwidth applications such as xDSL, cable broadband
and high speed Ethernet, due to its high energy handling capability, long and stable life performance and low capacitance of less than
2 pF. Bourns subminiature family of GDTs measure only 5 mm in diameter and are the smallest high performance GDTs in the telecom
industry. Bourns® GDTs are designed to prevent damage from transient disturbances by acting as a “crowbar” in creating a short-to-
ground circuit during conduction. When a voltage transient surge exceeds the defined breakdown voltage level of the GDT, the device
becomes ionized and conduction takes place within a fraction of a microsecond. When the surge passes and system voltage returns to
normal levels, the GDT returns to its high-impedance (off) state.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Characteristic
Model No.
2036-07
2036-09
2036-15
2036-20
2036-23
2036-25
DC Sparkover ±20 % @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250 V
Impulse Sparkover
100 V/µs
1000 V/µs
250 V
525 V
250 V
550 V
350 V
500 V
425 V
575 V
450 V
600 V
475 V
625 V
Characteristic
Model No.
2036-30
2036-35
2036-40
2036-42
2036-47
2036-60
DC Sparkover ±20 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
500 V
650 V
600 V
750 V
650 V
825 V
675 V
850 V
750 V
950 V
850 V
1100 V


Similar Part No. - 2036-23-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2036-23-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-23-SM-RPLF BOURNS-2036-23-SM-RPLF Datasheet
257Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2027-35-SMLF BOURNS-2027-35-SMLF Datasheet
187Kb / 2P
2027-xx-SM Precision Gas Discharge Tube Surge Protector
2035-60-SM-RPLF BOURNS-2035-60-SM-RPLF Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2036-30-SM-RPLF BOURNS-2036-30-SM-RPLF Datasheet
242Kb / 3P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2036-07-B2LF BOURNS-2036-07-B2LF Datasheet
245Kb / 2P
2036-xx-SM Precision Gas Discharge Tube Surge Protector
2035-35-SM BOURNS-2035-35-SM Datasheet
275Kb / 2P
2035-xx-SM Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com