Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1007 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A1007
Description  R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1007 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers A1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers A1007 Datasheet HTML 3Page - List of Unclassifed Manufacturers A1007 Datasheet HTML 4Page - List of Unclassifed Manufacturers A1007 Datasheet HTML 5Page - List of Unclassifed Manufacturers A1007 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CIF
090917
Réf. CIF859
Desoldering station - HANDY 859
Key features for HANDY 859:
• Ergonomic desoldering gun
• Build-in vacuum pump, with strong suction
• Entirely ESD
New auto desoldering station. The HANDY 859 station has a very light and easy handle
ergonomic desoldering gun for easy work.
A closed circuit temperature sensor ensures a regular and accurate heating. The station is
entirely ESD. It is also autonomous thanks to built-in vacuum pump.
The station is delivered complete with iron stand and cleaning kit.
Many nozzles are available:
Description
Item Code
HANDY 859
CIF859
Technical characteristics
HANDY 859
Desoldering temperature
280°C to 450°C
Outlet tension
27 V AC
Desoldering gun power
60 W
Depressure power
680 mmHg
Desoldering extraction air flow
15 l/min
Power totale
130 W
Net weight
6,7 Kg
Dimensions L x w x H
162 x 250 x 160 mm
Electrical supply
230 V – 50/60Hz
Accessories for HANDY 859
Item Code
Nozzle Ø 0.8 mm
A1002
Nozzle Ø 1.0 mm
A1003
Nozzle Ø 1.2 mm
A1006
Nozzle Ø 1.5 mm
A1007
Edité le 13/11/2008
Page N°4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com