Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805PC224MAT9A Datasheet(PDF) 1 Page - AVX Corporation

Part # 0805PC224MAT9A
Description  Multilayer Ceramic Chip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805PC224MAT9A Datasheet(HTML) 1 Page - AVX Corporation

  0805PC224MAT9A Datasheet HTML 1Page - AVX Corporation 0805PC224MAT9A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
Tip & Ring
Multilayer Ceramic Chip Capacitors
AVX “Tip & Ring” or “ring detector” Multilayer Ceramic Chip
Capacitors are designed as a standard telecom filter
to block -48 Volts DC telephone line voltage and pass
subscriber’s AC signal pulse (16 to 25Hz, 70 to 90Vrms).
The typical ringing signal is seen on figure on page 101. The
ringer capacitors replace large leaded film capacitors and
are ideal for telecom/modem applications. Using AVX “Tip &
Ring” capacitors not only saves valuable real estate on the
board and reduces the weight of overall product, but also
features standard surface mounting capabilities, so critical to
new and compact designs.
The AVX “Tip & Ring” capacitors are offered in standard
EIA sizes and standard values. They offer excellent high
frequency performance, low ESR and improved temperature
performance over film capacitors.
HOW TO ORDER
1812
P
C
104
K
A
T
1
A
AVX
Voltage
Temp
Capacitance
Capacitance
Test
Packaging
Special
Style
250 VDC
Coefficient
Code
Tolerance
Level
1 = 7" Reel
Code
0805
Telco
X7R
(2 significant
K = ±10%
A = Standard
3 = 13" Reel
A = Standard
1206
Rating
digits + no.
M = ±20%
9 = Bulk
1210
of zeros)
1808
Examples:
1812
1,000 pF = 102
1825
22,000 pF = 223
2220
220,000 pF = 224
2225
1 μF = 105
Style
0805
1206
1210*
1808*
1812*
1825*
2220*
2225*
(L) Length
2.01 ± 0.20
3.20 ± 0.20
3.2 ± 0.20
4.57 ± 0.25
4.50 ± 0.30
4.50 ± 0.30
5.60 ± 0.30
5.60 ± 0.25
(0.079 ± 0.008) (0.126 ± 0.008) (0.126 ± 0.008) (0.180 ± 0.010) (0.177 ± 0.012) (0.177 ± 0.012) (0.220 ± 0.012) (0.220 ± 0.010)
(W)Width
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
2.03 ± 0.25
3.2 ± 0.20
6.34 ± 0.30
5.10 ± 0.40
6.35 ± 0.25
(0.049 ± 0.008) (0.063 ± 0.008) (0.098 ± 0.008) (0.080 ± 0.010) (0.126 ± 0.008) (0.252 ± 0.012) (0.200 ± 0.016) (0.250 ± 0.010)
(T) Thickness
1.30 max.
1.50 max.
1.78 max.
1.78 max.
2.00 max.
2.00max.
2.00 max.
2.00 max.
(0.051 max.)
(0.059 max.)
(0.070 max.)
(0.070 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(0.080 max.)
(t) terminal
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
0.63 ± 0.38
(0.020 ± 0.010) (0.020 ± 0.010) (0.020 ± 0.010) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015) (0.025 ± 0.015)
DIMENSIONS
millimeters (inches)
*Reflow Soldering Only
Termination
T = Plated
Ni and Sn
(RoHS Compliant)
Z = FLEXITERM®
100% Tin
(RoHS Compliant)
W
L
T
t
Contact factory for availability of Termination and Tolerance options for Specific Part Numbers.


Similar Part No. - 0805PC224MAT9A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
0805PFB PULSE-0805PFB Datasheet
1Mb / 15P
Chip Ferrite Beads
10/20
logo
Coilcraft lnc.
0805PS COILCRAFT-0805PS Datasheet
234Kb / 2P
Power Chip Inductors
0805PS COILCRAFT-0805PS Datasheet
269Kb / 2P
Shielded High SRF Inductors
0805PS COILCRAFT-0805PS Datasheet
262Kb / 2P
Shielded High SRF Inductors
03/13/20
0805PS-102KL COILCRAFT-0805PS-102KL Datasheet
234Kb / 2P
Power Chip Inductors
More results

Similar Description - 0805PC224MAT9A

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC NIC-NMC Datasheet
361Kb / 3P
Multilayer Ceramic Chip Capacitors
NMC-H NIC-NMC-H Datasheet
80Kb / 5P
Multilayer Ceramic Chip Capacitors
NMC-M NIC-NMC-M Datasheet
192Kb / 3P
Multilayer Ceramic Chip Capacitors
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C4532X7R1C226M200KC TDK-C4532X7R1C226M200KC Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106K250KA TDK-C4532X7R1E106K250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1E106M250KA TDK-C4532X7R1E106M250KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R1H225K160KA TDK-C4532X7R1H225K160KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A105M230KA TDK-C4532X7R2A105M230KA Datasheet
139Kb / 1P
Multilayer Ceramic Chip Capacitors
C4532X7R2A155K230KA TDK-C4532X7R2A155K230KA Datasheet
138Kb / 1P
Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com