Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 26Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 27Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 28Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 29Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 30Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 31Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 32Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 33Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 286 page
background image
PIC24HJXXXGPX06/X08/X10
DS70175F-page 28
© 2007 Microchip Technology Inc.
FIGURE 3-4:
DATA MEMORY MAP FOR PIC24HJXXXGPX06/X08/X10 DEVICES WITH 16 KBYTES
RAM
3.2.5
DMA RAM
Every PIC24HJXXXGPX06/X08/X10 device contains 2
Kbytes of dual ported DMA RAM located at the end of
data space. Memory locations in the DMA RAM space
are accessible simultaneously by the CPU and the DMA
controller module. DMA RAM is utilized by the DMA
controller to store data to be transferred to various
peripherals using DMA, as well as data transferred from
various peripherals using DMA. The DMA RAM can be
accessed by the DMA controller without having to steal
cycles from the CPU.
When the CPU and the DMA controller attempt to
concurrently write to the same DMA RAM location, the
hardware ensures that the CPU is given precedence in
accessing the DMA RAM location. Therefore, the DMA
RAM provides a reliable means of transferring DMA
data without ever having to stall the CPU.
0x0000
0x07FE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0xFFFF
Optionally
Mapped
into Program
Memory
0x47FF
0x47FE
0x0801
0x0800
Near
Data
2 Kbyte
SFR Space
16 Kbyte
SRAM Space
8 Kbyte
Space
0x8001
0x8000
0x4800
0x4801
0x3FFE
0x4000
0x3FFF
0x4001
0x1FFE
0x1FFF
SFR Space
X Data
Unimplemented (X)
DMA RAM
X Data RAM (X)
Note:
DMA RAM can be used for general
purpose data storage if the DMA function
is not required in an application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com