Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC426 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC426
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC426 Datasheet HTML 4Page - Microchip Technology TC426 Datasheet HTML 5Page - Microchip Technology TC426 Datasheet HTML 6Page - Microchip Technology TC426 Datasheet HTML 7Page - Microchip Technology TC426 Datasheet HTML 8Page - Microchip Technology TC426 Datasheet HTML 9Page - Microchip Technology TC426 Datasheet HTML 10Page - Microchip Technology TC426 Datasheet HTML 11Page - Microchip Technology TC426 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC426/TC427/TC428
DS21415C-page 8
© 2006 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
20
10
0
-25
0
25
150
Rise and Fall Times vs.
Temperature
40
50
75
100
125
TEMPERATURE (°C)
35
25
15
80
70
60
50
30
0
Delay Times vs. Supply Voltage
40
90
SUPPLY VOLTAGE (V)
510
15
20
tD2
60
50
40
30
10
05
10
15
20
SUPPLY VOLTAGE (V)
70
tR
tF
CL = 1000 pF
TA = +25°C
Rise and Fall Times vs.
Supply Voltage
20
CL = 1000 pF
TA = +25°C
CL = 1000 pF
VDD = 18V
tR
tF
tD1
100
1
10
1000
10K
CAPACITIVE LOAD (pF)
Rise and Fall Times vs.
Capacitive Load
10
1K
100
90
80
70
60
40
30
0
-25
50
100
150
TEMPERATURE (°C)
Delay Times vs. Temperature
50
100
25
75
125
70
60
50
40
20
0
10
Supply Current vs.
Capacitive Load
30
80
400 kHz
200 kHz
20 kHz
100
1000
10K
CAPACITIVE LOAD (pF)
10
CL = 1000 pF
VDD = 18V
tD2
tD1
TA = +25°C
VDD = 18V
TA = +25°C
VDD = 18V
tR
tF
0.96
0.72
0.48
0.24
0
10
Low Output vs. Voltage
1.20
20 30 40 50 60 70 80 90 100
CURRENT SUNK (mA)
10V
15V
1.76
1.32
0.88
0.44
0
10
High Output vs. Voltage
2.20
20 30 40 50 60 70 80 90 100
CURRENT SOURCED (mA)
18V
13V
20
10
0
1
Supply Current vs. Frequency
30
10
100
1000
FREQUENCY (kHz)
10V
5V
TA = +25°C
VDD = 5V
VDD = 8V
VDD = 18V
CL = 1000 pF
TA = +25°C
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com