Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC426CPA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC426CPA
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426CPA Datasheet(HTML) 3 Page - Microchip Technology

  TC426CPA Datasheet HTML 1Page - Microchip Technology TC426CPA Datasheet HTML 2Page - Microchip Technology TC426CPA Datasheet HTML 3Page - Microchip Technology TC426CPA Datasheet HTML 4Page - Microchip Technology TC426CPA Datasheet HTML 5Page - Microchip Technology TC426CPA Datasheet HTML 6Page - Microchip Technology TC426CPA Datasheet HTML 7Page - Microchip Technology TC426CPA Datasheet HTML 8Page - Microchip Technology TC426CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2006 Microchip Technology Inc.
DS21415C-page 3
TC426/TC427/TC428
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ..................................................... +20V
Input Voltage, Any Terminal
................................... VDD + 0.3V to GND – 0.3V
Power Dissipation (TA ≤ 70°C)
PDIP........................................................ 730 mW
CERDIP .................................................. 800 mW
SOIC ....................................................... 470 mW
Derating Factor
PDIP....................................................... 8 mW/°C
CERDIP .............................................. 6.4 mW/°C
SOIC ...................................................... 4 mW/°C
Operating Temperature Range
C Version ........................................ 0°C to +70°C
I Version ....................................... -25°C to +85°C
E Version...................................... -40°C to +85°C
M Version ................................... -55°C to +125°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC426/TC427/TC428 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C with 4.5V ≤ VDD ≤ 18V, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
—
—
V
VIL
Logic 0, Low Input Voltage
—
—
0.8
V
IIN
Input Current
-1
—
1
μA0V ≤ VIN ≤ VDD
Output
VOH
High Output Voltage
VDD – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
ROH
High Output Resistance
—
10
15
Ω
IOUT = 10 mA, VDD = 18V
ROL
Low Output Resistance
—
6
10
Ω
IOUT = 10 mA, VDD = 18V
IPK
Peak Output Current
—
1.5
—
A
Switching Time (Note 1)
tR
Rise Time
—
—
30
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
—
—
30
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
—
—
50
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
—
—
75
nsec
Figure 3-1, Figure 3-2
Power Supply
IS
Power Supply Current
—
—
—
—
8
0.4
mA
VIN = 3V (Both Inputs)
VIN = 0V (Both Inputs)
Note
1:
Switching times ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com