Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1072 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1072
Description  50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1072 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1072 Datasheet HTML 14Page - Microchip Technology TC1072 Datasheet HTML 15Page - Microchip Technology TC1072 Datasheet HTML 16Page - Microchip Technology TC1072 Datasheet HTML 17Page - Microchip Technology TC1072 Datasheet HTML 18Page - Microchip Technology TC1072 Datasheet HTML 19Page - Microchip Technology TC1072 Datasheet HTML 20Page - Microchip Technology TC1072 Datasheet HTML 21Page - Microchip Technology TC1072 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21354D-page 19
TC1072/TC1073
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
—
X
XXXXX
Threshold
Package
Temperature
Range
Device
Device
TC1072: CMOS LDO with Shutdown, ERROR Output & VREF
Bypass
TC1073: CMOS LDO with Shutdown, ERROR Output & VREF
Bypass
Threshold voltage
(typical)
1.8
=
1.8V
2.5
=
2.5V
2.6
=
2.6V
2.7
=
2.7V
2.8
=
2.8V
2.85 =
2.85V
3.0
=
3.0V
3.3
=
3.3V
3.6
=
3.6V
4.0
=
4.0V
5.0
=
5.0V
Temperature Range
V
= -40
° C to +125° C
Package
CH713 =
Plastic small outline transistor (CH) SOT-23,
6 lead, (tape and reel).
Examples:
a)
TC1072-1.8VCH713: 1.8V
b)
TC1072-2.5VCH713
2.5V
c)
TC1072-2.6VCH713
2.6V
d)
TC1072-2.7VCH713
2.7V
e)
TC1072-2.8VCH713
2.8V
f)
TC1072-2.85VCH713 2.85V
g)
TC1072-3.0VCH713
3.0V
h)
TC1072-3.3VCH713
3.3V
i)
TC1072-3.6VCH713
3.6V
j)
TC1072-4.0VCH713
4.0V
k)
TC1072-5.0VCH713
5.0V
a)
TC1073-1.8VCH713: 1.8V
b)
TC1073-2.5VCH713
2.5V
c)
TC1073-2.6VCH713
2.6V
d)
TC1073-2.7VCH713
2.7V
e)
TC1073-2.8VCH713
2.8V
f)
TC1073-2.85VCH713 2.85V
g)
TC1073-3.0VCH713
3.0V
h)
TC1073-3.3VCH713
3.3V
i)
TC1073-3.6VCH713
3.6V
j)
TC1073-4.0VCH713
4.0V
k)
TC1073-5.0VCH713
5.0V
X.X
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com