Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2117 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC2117
Description  800 mA Fixed Low Dropout Positive Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC2117 Datasheet HTML 10Page - Microchip Technology TC2117 Datasheet HTML 11Page - Microchip Technology TC2117 Datasheet HTML 12Page - Microchip Technology TC2117 Datasheet HTML 13Page - Microchip Technology TC2117 Datasheet HTML 14Page - Microchip Technology TC2117 Datasheet HTML 15Page - Microchip Technology TC2117 Datasheet HTML 16Page - Microchip Technology TC2117 Datasheet HTML 17Page - Microchip Technology TC2117 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21665C-page 15
TC2117
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
TC2117 Fixed Output CMOS LDO Positive Regulator
Voltage Option:*
1.8V
=
1.8V
2.5V
=
2.5V
3.0V
=
3.0V
3.3V
=
3.3V
* Other output voltages are available. Please contact your local
Microchip sales office for details.
Package
DB
=
Plastic (SOT-223), 3-lead
DBTR =
Plastic (SOT-223), 3-lead,
Tape and Reel
EB
=
Plastic Transistor Outline (DDPAK), 3-Lead
EBTR =
Plastic Transistor Outline (DDPAK), 3-Lead,
Tape and Reel
PART NO.
X.XX
XX
Package
Voltage
Option
Device
Examples:
a)
TC2117-1.8VEBTR 1.8V LDO, DDPAK-3 pkg.,
Tape and Reel
b)
TC2117-2.5VEBTR 2.5V LDO, DDPAK-3 pkg.,
Tape and Reel
c)
TC2117-3.0VEBTR 3.0V LDO, DDPAK-3 pkg.,
Tape and Reel
d)
TC2117-3.3VEBTR 3.3V LDO, DDPAK-3 pkg.,
Tape and Reel
a)
TC2117-1.8VDB
1.8V LDO, SOT-223 pkg.
b)
TC2117-1.8VDBTR 1.8V LDO, SOT-223 pkg.,
Tape and Reel
c)
TC2117-2.5VDB
2.5V LDO, SOT-223 pkg.
d)
TC2117-2.5VDBTR 2.5V LDO, SOT-223 pkg.,
Tape and Reel
e)
TC2117-3.0VDB
3.0V LDO, SOT-223 pkg.
f)
TC2117-3.0VDBTR 3.0V LDO, SOT-223 pkg.,
Tape and Reel
g)
TC2117-3.3VDB
3.3V LDO, SOT-223 pkg.
h)
TC2117-3.3VDBTR 3.3V LDO, SOT-223 pkg.,
Tape and Reel
XX
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com