Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C64 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM27C64
Description  64 Kilobit (8 K x 8-Bit) CMOS EPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C64 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM27C64 Datasheet HTML 3Page - Advanced Micro Devices AM27C64 Datasheet HTML 4Page - Advanced Micro Devices AM27C64 Datasheet HTML 5Page - Advanced Micro Devices AM27C64 Datasheet HTML 6Page - Advanced Micro Devices AM27C64 Datasheet HTML 7Page - Advanced Micro Devices AM27C64 Datasheet HTML 8Page - Advanced Micro Devices AM27C64 Datasheet HTML 9Page - Advanced Micro Devices AM27C64 Datasheet HTML 10Page - Advanced Micro Devices AM27C64 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Am27C64
7
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products. . . . . . . . . . . . . . . . . . –65
°C to +125°C
All Other Products . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to VSS
All pins except A9, VPP, VCC . . –0.6 V to VCC + 0.6 V
A9 and VPP (Note 2) . . . . . . . . . . . . . –0.6 V to 13.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V
Notes:
1. Minimum DC voltage on input or I/O pins –0.5 V. During
voltage transitions, the input may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on input
and I/O pins is VCC + 5 V. During voltage transitions, input
and I/O pins may overshoot to VCC + 2.0 V for periods up
to 20ns.
2. Minimum DC input voltage on A9 is –0.5 V. During voltage
transitions, A9 and VPP may overshoot VSS to –2.0 V for
periods of up to 20 ns. A9 and VPP must not exceed+13.5
V at any time.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum ratings for extended periods
may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . .–55°C to +125°C
Supply Read Voltages
VCC for ± 5% devices . . . . . . . . . . +4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com