Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4425AVOA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4425AVOA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4425AVOA Datasheet(HTML) 5 Page - Microchip Technology

  TC4425AVOA Datasheet HTML 1Page - Microchip Technology TC4425AVOA Datasheet HTML 2Page - Microchip Technology TC4425AVOA Datasheet HTML 3Page - Microchip Technology TC4425AVOA Datasheet HTML 4Page - Microchip Technology TC4425AVOA Datasheet HTML 5Page - Microchip Technology TC4425AVOA Datasheet HTML 6Page - Microchip Technology TC4425AVOA Datasheet HTML 7Page - Microchip Technology TC4425AVOA Datasheet HTML 8Page - Microchip Technology TC4425AVOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 5
TC4423A/TC4424A/TC4425A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V <= VDD <= 18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Rise and Fall Times vs.
Temperature.
FIGURE 2-4:
Fall Time vs. Supply
Voltage.
FIGURE 2-5:
Fall Time vs. Capacitive
Load.
FIGURE 2-6:
Propagation Delay vs. Input
Amplitude.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
4
6
8
1012141618
Supply Voltage (V)
4,700 pF
3,300 pF
1,800 pF
1,000 pF
470 pF
0
10
20
30
40
50
60
100
1000
10000
Capacitive Load (pF)
5V
10V
15V
10
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (
oC)
tFALL
tRISE
CLOAD = 1800 pF
0
10
20
30
40
50
60
70
80
4
6
8
10
12
14
16
18
Supply Voltage (V)
4700 pF
3300 pF
1800 pF
470 pF
1000 pF
0
10
20
30
40
50
60
70
100
1000
10000
Capacitive Load (pF)
5V
10V
15V
25
45
65
85
105
125
145
23
4
5
6789
10
Input Amplitude (V)
tD1
tD2
VDD = 12V
CLOAD = 1800 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com