Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4451 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC4451
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4451 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC4451 Datasheet HTML 5Page - Microchip Technology TC4451 Datasheet HTML 6Page - Microchip Technology TC4451 Datasheet HTML 7Page - Microchip Technology TC4451 Datasheet HTML 8Page - Microchip Technology TC4451 Datasheet HTML 9Page - Microchip Technology TC4451 Datasheet HTML 10Page - Microchip Technology TC4451 Datasheet HTML 11Page - Microchip Technology TC4451 Datasheet HTML 12Page - Microchip Technology TC4451 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21987A-page 9
TC4451/TC4452
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 18V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor
should be chosen based on the capacitive load that is
being driven. A minimum value of 1.0 μF is suggested.
3.2
Control Input
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input also has
300 mV of hysteresis between the high and low
thresholds that prevents output glitching even when the
rise and fall time of the input signal is very slow.
3.3
CMOS Push-Pull Output
The MOSFET driver output is a low-impedance,
CMOS, push-pull style output capable of driving a
capacitive load with 12A peak currents. The MOSFET
driver output is capable of withstanding 1.5A peak
reverse currents of either polarity.
3.4
Ground
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
Exposed Metal Pad
The exposed metal pad of the 6x5 DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a Printed Circuit Board (PCB) to aid in
heat removal from the package.
3.6
Metal Tab
The metal tab of the TO-220 package is connected to
the VDD potential of the device. This connection to VDD
can be used as a current carrying path for the device.
Pin No.
8-Pin PDIP,
SOIC
Pin No.
8-Pin DFN
Pin No.
5-Pin TO-220
Symbol
Description
11
—
VDD
Supply input, 4.5V to 18V
2
2
1
INPUT
Control input, TTL/CMOS-compatible input
3
3
—
NC
No connection
4
4
2
GND
Ground
5
5
4
GND
Ground
6
6
5
OUTPUT
CMOS push-pull output
7
7
—
OUTPUT
CMOS push-pull output
88
3
VDD
Supply input, 4.5V to 18V
—PAD
—
NC
Exposed metal pad
——
TAB
VDD
Metal tab is at the VDD potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com