Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423AVOA Datasheet(PDF) 11 Page - Microchip Technology

Part # TC4423AVOA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423AVOA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC4423AVOA Datasheet HTML 7Page - Microchip Technology TC4423AVOA Datasheet HTML 8Page - Microchip Technology TC4423AVOA Datasheet HTML 9Page - Microchip Technology TC4423AVOA Datasheet HTML 10Page - Microchip Technology TC4423AVOA Datasheet HTML 11Page - Microchip Technology TC4423AVOA Datasheet HTML 12Page - Microchip Technology TC4423AVOA Datasheet HTML 13Page - Microchip Technology TC4423AVOA Datasheet HTML 14Page - Microchip Technology TC4423AVOA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 11
TC4423A/TC4424A/TC4425A
5.0
PACKAGING INFORMATION
5.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
TC4423AV
PA^^256
0520
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
256
TC4423AV
8-Lead DFN (6x5)
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
TC4423A
VMF^^
0520
256
OA^^0520
3
e
3
e
3
e
16-Lead SOIC (300 mil)
Example:
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
0420256
TC4423A
VOE^^3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com