Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4452 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4452
Description  12A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4452 Datasheet(HTML) 1 Page - Microchip Technology

  TC4452 Datasheet HTML 1Page - Microchip Technology TC4452 Datasheet HTML 2Page - Microchip Technology TC4452 Datasheet HTML 3Page - Microchip Technology TC4452 Datasheet HTML 4Page - Microchip Technology TC4452 Datasheet HTML 5Page - Microchip Technology TC4452 Datasheet HTML 6Page - Microchip Technology TC4452 Datasheet HTML 7Page - Microchip Technology TC4452 Datasheet HTML 8Page - Microchip Technology TC4452 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2006 Microchip Technology Inc.
DS21987A-page 1
TC4451/TC4452
Features
• High Peak Output Current: 13A (typ.)
• Low Shoot-Through/Cross-Conduction Current in
Output Stage
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Continuous Output Current: 2.6A (max.)
• Matched Fast Rise and Fall Times:
- 21 ns with 10,000 pF Load
- 42 ns with 22,000 pF Load
• Matched Short Propagation Delays: 44 ns (typ.)
• Low Supply Current:
- With Logic ‘1’ Input – 140 μA (typ.)
- With Logic ‘0’ Input – 40 μA (typ.)
• Low Output Impedance: 0.9
Ω (typ.)
• Latch-Up Protected: Will Withstand 1.5A Output
Reverse Current
• Input Will Withstand Negative Inputs Up To 5V
• Pin-Compatible with the TC4420/TC4429,
TC4421/TC4422 and TC4421A/TC4422A
MOSFET Drivers
• Space-Saving, Thermally-Enhanced, 8-Pin DFN
Package
Applications
• Line Drivers for Extra Heavily-Loaded Lines
• Pulse Generators
• Driving the Largest MOSFETs and IGBTs
• Local Power ON/OFF Switch
• Motor and Solenoid Driver
• LF Initiator
General Description
The TC4451/TC4452 are single-output MOSFET
drivers. These devices are high-current buffer/drivers
capable of driving large MOSFETs and Insulated Gate
Bipolar Transistors (IGBTs). The TC4451/TC4452 have
matched output rise and fall times, as well as matched
leading and falling-edge propagation delay times. The
TC4451/TC4452 devices also have very low cross-
conduction current, reducing the overall power
dissipation of the device.
These devices are essentially immune to any form of
upset, except direct overvoltage or over-dissipation.
They cannot be latched under any conditions within
their power and voltage ratings. These parts are not
subject to damage or improper operation when up to
5V of ground bounce is present on their ground
terminals. They can accept, without damage or logic
upset, more than 1.5A inductive current of either
polarity being forced back into their outputs. In addition,
all terminals are fully protected against up to 4 kV of
electrostatic discharge.
The TC4451/TC4452 inputs may be driven directly
from either TTL or CMOS (3V to 18V). In addition,
300 mV of hysteresis is built into the input, providing
noise immunity and allowing the device to be driven
from slowly rising or falling waveforms.
With
both
surface-mount
and
pin-through-hole
packages, in addition to a wide operating temperature
range, the TC4451/TC4452 family of 12A MOSFET
drivers fit into most any application where high gate/line
capacitance drive is required.
12A High-Speed MOSFET Drivers


Similar Part No. - TC4452

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4452 MICROCHIP-TC4452 Datasheet
799Kb / 22P
12A High-Speed MOSFET Drivers
2006
TC4452 MICROCHIP-TC4452 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452 MICROCHIP-TC4452 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452 MICROCHIP-TC4452 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VAT MICROCHIP-TC4452VAT Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
More results

Similar Description - TC4452

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC4451 MICROCHIP-TC4451 Datasheet
799Kb / 22P
12A High-Speed MOSFET Drivers
2006
TC4452VOA713 MICROCHIP-TC4452VOA713 Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VAT MICROCHIP-TC4452VAT Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VOA MICROCHIP-TC4452VOA Datasheet
801Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
TC4452VMF MICROCHIP-TC4452VMF Datasheet
728Kb / 22P
12A High-Speed MOSFET Drivers
10/31/05
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com